Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APD032 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # APD032
Description  PACKAGE MECHANICAL SPECIFICATIONS AND PARAMETERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

APD032 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  APD032 Datasheet HTML 1Page - List of Unclassifed Manufacturers APD032 Datasheet HTML 2Page - List of Unclassifed Manufacturers APD032 Datasheet HTML 3Page - List of Unclassifed Manufacturers APD032 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UDT Sensors Inc.
Phone:
310-978-0516
Fax:
310-644-1727
http:\\www.udt.com
Products
TO-18
1
4
Pin Circle Dia. = 0.100
3 c
3
1
1 a
4 Case
0.073
0.155 (W)
0.183
0.210
0.200
PIN-020A
PIN-040A
3
Products
TO-8
Pin Circle Dia = 0.295
3
1
2
A
0.485
0.430
0.550
(W)
1 c
3 Case
PIN-6DI/6DPI
2 Case
3 a
1 a
2 c
PIN-44DI/44DPI
A
0.115
0.125
PIN-6DI
PIN-6DPI
P/N
PIN-44DI
PIN-44DPI
0.197
PIN-6DI
PIN-6DPI
PIN-44DI
PIN-44DPI
Products
TO-18
4
0.090
0.155 (W)
0.183
0.210
0.150
0.5
MIN.
6
Products
TO-8
Pin Circle Dia = 0.295
3
1
0.14
UV35 PINOUT
ALL EXCEPT UV35
1 a
3 a
0.205
3 c
1 c
0.550
0.485
0.430
(W)
Products
TO-18
7
Pin Circle Dia = 0.100
3 c
3
A
1 a
1
B
0.155 (W)
0.210
0.183
1.0
MIN
PIN-3CD
PIN-3CDP
BPX-65
8
Products
TO-18
PIN-125DPL
0.148 +/- 0.13
LENS MAX DIA
Pin Circle Dia = 0.100
0.185
3
1 a
3 c
1
0.244
0.190
0.210
Products
9
TO-18
Pin Circle Dia = 0.100
2
0.030
0.5
MIN
3
3 Case
1 a
2 c
0.125
1
0.210
0.182
0.094 (W)
PIN-HR005
PIN-HR008
PIN-HR020
PIN-HR026
PIN-HR040
PIN-HS005
PIN-HS008
PIN-HS020
PIN-HS026
PIN-HS040
PIN-UHS016
2
Products
TO-5
Pin Circle Dia = 0.200
3
2
1
0.325
0.360
W
A
B
5
Products
TO-5
0.180
Pin Circle Dia = 0.200
3
1
0.102
0.360
0.325
0.240
(W)
UV-001, UV-005, UV-015
3 a
1 c
PIN-5D
PIN 5DP/SB
UV-005D
UV-005E
UV-013D
UV-013E
PIN-005E-550F
3 c
1 a
2 Case
1 a
3 c
PIN-5D
PIN-5DP
PIN-5DP/SB
PIN-13D
PIN-13DP
PIN-005E-550F
UV-001
UV-005
UV-005D
UV-005E
UV-013D
UV-013E
UV-015
PIN-6D
PIN-6DP
PIN-44D
PIN-44DP
UV-020
UV-035D
UV-035E
UV-035
PIN-2DI
PIN-2DPI
PIN-3CDI
PIN-3CDPI
PIN-5DI
PIN-5DPI
PIN-13DI
PIN-13DPI
PIN-APD032
2 c
1 a
3 Case
PIN-APD032
Pin Circle Dia = 0.100
3
2
1
All Others
3 c
2 Case
1 a
A
B
0.087
0.146
0.075
0.200
PIN-3CD/CDP
P/N
BPX-65
AB
0.073
0.167
0.094
0.180
PIN-APD032
P/N
All Others
W
0.260
0.240
MECHANICAL SPECIFICATIONS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com