Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88196L Datasheet(PDF) 14 Page - ASIX Electronics Corporation

Part # AX88196L
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88196L Datasheet(HTML) 14 Page - ASIX Electronics Corporation

Back Button AX88196L Datasheet HTML 10Page - ASIX Electronics Corporation AX88196L Datasheet HTML 11Page - ASIX Electronics Corporation AX88196L Datasheet HTML 12Page - ASIX Electronics Corporation AX88196L Datasheet HTML 13Page - ASIX Electronics Corporation AX88196L Datasheet HTML 14Page - ASIX Electronics Corporation AX88196L Datasheet HTML 15Page - ASIX Electronics Corporation AX88196L Datasheet HTML 16Page - ASIX Electronics Corporation AX88196L Datasheet HTML 17Page - ASIX Electronics Corporation AX88196L Datasheet HTML 18Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
AX88196
Local CPU BUS MAC Controller
ASIX ELECTRONICS CORPORATION
14
118, 121, 122
LVDD
P
44, 54,
100, 110,
128
Power Supply : +3.3V DC.
HVDD
P
19, 29, 64,
75
Power Supply : +5V DC.
Note : for pure 3.3V single power solution, all the HVDD pin can
connect to +3.3V. Care should be taken that HVDD input power must
be greater or equal ( > = ) than LVDD.
VSS
P
11, 24, 34,
40, 49,59,
69, 81,93,
102, 105,
119
Power Supply : +0V DC or Ground Power.
Tab - 7 Miscellaneous pins group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com