Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88196L Datasheet(PDF) 38 Page - ASIX Electronics Corporation

Part # AX88196L
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88196L Datasheet(HTML) 38 Page - ASIX Electronics Corporation

Back Button AX88196L Datasheet HTML 34Page - ASIX Electronics Corporation AX88196L Datasheet HTML 35Page - ASIX Electronics Corporation AX88196L Datasheet HTML 36Page - ASIX Electronics Corporation AX88196L Datasheet HTML 37Page - ASIX Electronics Corporation AX88196L Datasheet HTML 38Page - ASIX Electronics Corporation AX88196L Datasheet HTML 39Page - ASIX Electronics Corporation AX88196L Datasheet HTML 40Page - ASIX Electronics Corporation AX88196L Datasheet HTML 41Page - ASIX Electronics Corporation AX88196L Datasheet HTML 42Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
AX88196
10/100BASE Fast Ethernet MAC Controller
ASIX ELECTRONICS CORPORATION
38
Demonstration Circuit : AX88196 + Ethernet PHY + HomePNA 1M8 PHY
SA1
ISA1
ISA
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18
A19
A20
A21
A22
A23
A24
A25
A26
A27
A28
A29
A30
A31
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10
C11
C12
C13
C14
C15
C16
C17
C18
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
B16
B17
B18
B19
B20
B21
B22
B23
B24
B25
B26
B27
B28
B29
B30
B31
D1
D2
D3
D4
D5
D6
D7
D8
D9
D11
D12
D13
D14
D15
D16
D17
D18
D10
IOCHK#
D<7>
D<6>
D<5>
D<4>
D<3>
D<2>
D<1>
D<0>
CHRDY
AEN
SA<19>
SA<18>
SA<17>
SA<16>
SA<15>
SA<14>
SA<13>
SA<12>
SA<11>
SA<10
SA<9>
SA<8>
SA<7>
SA<6>
SA<5>
SA<4>
SA<3>
SA<2>
SA<1>
SA<0>
SBHE#
LA<23>
LA<22>
LA<21>
LA<20>
LA<19>
LA<18>
LA<17>
MRDC#
MWTC#
D<8>
D<9>
D<10>
D<11>
D<12>
D<13>
D<14>
D<15>
GND
RESDRV
+5V
IRQ<9>
-5V
DRQ<2>
-12V
NOWS#
+12V
GND
SMWTC#
SMRDC
LOWC#
LORC#
DAK<3>#
DRQ<3>
DAK<1>#
DRQ<1>
REFRSH#
BCLK
IRQ<7>
IRQ<6>
IRQ<5>
IRQ<4>
IRQ<3>
DAK<2>#
T/C
BALE
+5V
OSC
GND
M16#
IO16#
IRQ<10>
IRQ<11>
IRQ<12>
IRQ<13>
IRQ<14>
DAK<0>#
DRQ<0>
DRQ<5>
DAK<6>#
DRQ<6>
DAK<7>#
DRQ<7>
+5V
MASTER16#
GND
DAK<5>#
SD15
IRQ7
U2
LT1086
1
2
3
4
ADJ/GND
OUT
IN
OUT
SD4
U1F
74HC04
13
12
5V
IRQ12
SA9
RST1#
5V
SA[0..9]
SD10
+
C11
47u/16v
SD0
5V
GND
GND
U1E
74HC04
11
10
RESET
SD2
SD12
C4
0.1u
3.3V
IRQ3
SA8
SD[0..15]
C7
0.1u
U1B
74HC04
3
4
SA5
RDY
SA6
RST2#
SD6
SD5
GND
U1D
74HC04
9
8
GND
BHE#
IRQ
C8
0.1u
+
C1
47u/16v
IOCS16#
JP1 is setting IRQ
IRQ11
5V
SA3
IRQ11
IORD#
IRQ5
SA4
SD7
C10
0.1u
AX88196 L 10BASE-T/100BASE-TX & 1M HomePNA
APPLICATION WITH DP83846 & DP83851 (FOR ISA MODE)(REFERENCE ONLY)
JP1
JUMP
1
3
5
7
9
2
4
6
8
10
U1A
74HC04
1
2
SA2
C5
0.1u
VCC
5V
AEN
+
C3
47u/16v
IOWR#
SD3
SD13
GND
5V
IRQ3
SD8
3.3V
IRQ7
C2
0.1u
SA7
5V
GND
IRQ5
+
C6
47u/16v
SD9
SD14
5V
IRQ12
SA0
U1C
74HC04
5
6
RST0#
RESET
+
C9
47u/16v
SD11
SD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com