Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88196L Datasheet(PDF) 4 Page - ASIX Electronics Corporation

Part # AX88196L
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88196L Datasheet(HTML) 4 Page - ASIX Electronics Corporation

  AX88196L Datasheet HTML 1Page - ASIX Electronics Corporation AX88196L Datasheet HTML 2Page - ASIX Electronics Corporation AX88196L Datasheet HTML 3Page - ASIX Electronics Corporation AX88196L Datasheet HTML 4Page - ASIX Electronics Corporation AX88196L Datasheet HTML 5Page - ASIX Electronics Corporation AX88196L Datasheet HTML 6Page - ASIX Electronics Corporation AX88196L Datasheet HTML 7Page - ASIX Electronics Corporation AX88196L Datasheet HTML 8Page - ASIX Electronics Corporation AX88196L Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
AX88196
Local CPU BUS MAC Controller
ASIX ELECTRONICS CORPORATION
4
1.0 Introduction
1.1 General Description:
The AX88196 provides industrial standard NE2000 registers level compatable instruction set. Various
drivers are easy acquired, maintenance and usage. No much additional effort to be paid. Software is easily
port to various embedded system with no pain and tears
The AX88196 Fast Ethernet Controller is a high performance and highly integrated local CPU bus Ethernet
Controller with embedded 8K*16 bit SRAM. The AX88196 supports both 8 bit and 16 bit local CPU
interfaces include MCS-51 series, 80186 series, MC68K series CPU and ISA bus. The AX88196 implements
both 10Mbps and 100Mbps Ethernet function based on IEEE802.3 / IEEE802.3u LAN standard and
supports both 10Mbps/100Mbps media-independent interface (MII) and legacy pure 10Mbps SNI interface
to simplify the design. Using Serial Network Interface (SNI) transceiver, Home LAN PHY or 10BASE-2 BNC
type media can be supported.
As well as, the chip also provides Standard Print Port ( parallel port interface ), can be used for printer server
device or treat as simple general I/O port.
The main difference between AX88196 and AX88195 are : 1) Replace memory I/F with SNI and SPP I/F. 2)
Canceling SAX address decoding. 3) Fix interrupt status can’t always clean up problem of AX88195.
AX88196 use 128-pin LQFP low profile package, 25MHz operation, dual 5V and 3.3V CMOS process with
5V I/O tolerance or pure 3.3V operation.
1.2 AX88196 Block Diagram:
Fig - 1 AX88196 Block Diagram
MAC
Core
8K* 16 SRAM
and Memory Arbiter
Remote
DMA
FIFOs
NE2000
Registers
Host Interface
STA
SEEPROM
I/F
SD[15:0]
SA[9:0]
Ctl BUS
MII I/F
EECS
EECK
EEDI
EEDO
SNI I/F
SPP
/ GIO
Print Port
or
General
I/O
SMDC
SMDIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com