Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88196L Datasheet(PDF) 25 Page - ASIX Electronics Corporation

Part # AX88196L
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88196L Datasheet(HTML) 25 Page - ASIX Electronics Corporation

Back Button AX88196L Datasheet HTML 21Page - ASIX Electronics Corporation AX88196L Datasheet HTML 22Page - ASIX Electronics Corporation AX88196L Datasheet HTML 23Page - ASIX Electronics Corporation AX88196L Datasheet HTML 24Page - ASIX Electronics Corporation AX88196L Datasheet HTML 25Page - ASIX Electronics Corporation AX88196L Datasheet HTML 26Page - ASIX Electronics Corporation AX88196L Datasheet HTML 27Page - ASIX Electronics Corporation AX88196L Datasheet HTML 28Page - ASIX Electronics Corporation AX88196L Datasheet HTML 29Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
AX88196
Local CPU BUS MAC Controller
ASIX ELECTRONICS CORPORATION
25
6.0 Electrical Specification and Timings
6.1 Absolute Maximum Ratings
Description
SYM
Min
Max
Units
Operating Temperature
Ta
0
+85
°C
Storage Temperature
Ts
-55
+150
°C
Supply Voltage
HVdd
-0.3
+6
V
Supply Voltage
LVdd
-0.3
+4.6
V
Input Voltage
HVin
LVin
-0.3
-0.3
HVdd+0.5
LVdd+0.5
V
V
Output Voltage
HVout
LVin
-0.3
-0.3
HVdd+0.5
LVdd+0.5
V
V
Lead Temperature (soldering 10 seconds maximum)
Tl
-55
+220
°C
Note : Stress above those listed under Absolute Maximum Ratings may cause permanent damage to the device.
Exposure to Absolute Maximum Ratings conditions for extended period, adversely affect device life and reliability.
Note : The power supply voltages must always fulfill HVdd >= LVdd inequality.
6.2 General Operation Conditions
Description
SYM
Min
Tpy
Max
Units
Operating Temperature
Ta
0
25
+75
°C
Supply Voltage
HVdd
LVdd
+4.75V
+2.70
+3.00
+5.00V
+3.00
+3.30
+5.25V
+3.30
+3.60
V
V
V
Note : The power supply voltages must always fulfill HVdd >= LVdd inequality.
6.3 DC Characteristics
(Vdd=5.0V, Vss=0V, Ta=0
°C to 75°C)
Description
SYM
Min
Tpy
Max
Units
Low Input Voltage
Vil
-
0.8
V
High Input Voltage
Vih
2
-
V
Low Output Voltage
Vol
-
0.4
V
High Output Voltage
Voh
Vdd-0.4
-
V
Input Leakage Current
Iil
-1
+1
uA
Output Leakage Current
Iol
-1
+1
uA
(Vdd=3.0V to 3.6V, Vss=0V, Ta=0
°C to 75°C)
Description
SYM
Min
Tpy
Max
Units
Low Input Voltage
Vil
-
0.8
V
High Input Voltage
Vih
1.9
-
V
Low Output Voltage
Vol
-
0.4
V
High Output Voltage
Voh
Vdd-0.4
-
V
Input Leakage Current
Iil
-1
+1
uA
Output Leakage Current
Iol
-1
+1
uA
Description
SYM
Min
Tpy
Max
Units
Power Consumption (Dual power)
DPt5v
DPt3v
20
32
mA
mA
Power Consumption (Single power 3.3V)
SPt3v
50
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com