Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 123 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 123 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 119Page - ATMEL Corporation ATMEGA16 Datasheet HTML 120Page - ATMEL Corporation ATMEGA16 Datasheet HTML 121Page - ATMEL Corporation ATMEGA16 Datasheet HTML 122Page - ATMEL Corporation ATMEGA16 Datasheet HTML 123Page - ATMEL Corporation ATMEGA16 Datasheet HTML 124Page - ATMEL Corporation ATMEGA16 Datasheet HTML 125Page - ATMEL Corporation ATMEGA16 Datasheet HTML 126Page - ATMEL Corporation ATMEGA16 Datasheet HTML 127Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 315 page
background image
123
ATmega16(L)
2466E–AVR–10/02
.
Note:
1. A special case occurs when OCR2 equals TOP and COM21 is set. In this case, the
compare match is ignored, but the set or clear is done at TOP. See “Phase Correct
PWM Mode” on page 118 for more details.
• Bit 2:0 – CS22:0: Clock Select
The three Clock Select bits select the clock source to be used by the Timer/Counter, see
Table 54.
Timer/Counter Register –
TCNT2
The Timer/Counter Register gives direct access, both for read and write operations, to
the Timer/Counter unit 8-bit counter. Writing to the TCNT2 Register blocks (removes)
the compare match on the following timer clock. Modifying the counter (TCNT2) while
the counter is running, introduces a risk of missing a compare match between TCNT2
and the OCR2 Register.
Table 53. Compare Output Mode, Phase Correct PWM Mode(1)
COM21
COM20
Description
0
0
Normal port operation, OC2 disconnected.
01
Reserved
1
0
Clear OC2 on compare match when up-counting. Set OC2 on compare
match when downcounting.
1
1
Set OC2 on compare match when up-counting. Clear OC2 on compare
match when downcounting.
Table 54. Clock Select Bit Description
CS22
CS21
CS20
Description
0
0
0
No clock source (Timer/Counter stopped).
00
1
clkT2S/(No prescaling)
01
0
clk
T2S/8 (From prescaler)
01
1
clk
T2S/32 (From prescaler)
10
0
clk
T2S/64 (From prescaler)
10
1
clk
T2S/128 (From prescaler)
11
0
clk
T
2S/256 (From prescaler)
11
1
clkT2S/1024 (From prescaler)
Bit
765
432
10
TCNT2[7:0]
TCNT2
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com