Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 70 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 70 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 66Page - ATMEL Corporation ATMEGA16 Datasheet HTML 67Page - ATMEL Corporation ATMEGA16 Datasheet HTML 68Page - ATMEL Corporation ATMEGA16 Datasheet HTML 69Page - ATMEL Corporation ATMEGA16 Datasheet HTML 70Page - ATMEL Corporation ATMEGA16 Datasheet HTML 71Page - ATMEL Corporation ATMEGA16 Datasheet HTML 72Page - ATMEL Corporation ATMEGA16 Datasheet HTML 73Page - ATMEL Corporation ATMEGA16 Datasheet HTML 74Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 315 page
background image
70
ATmega16(L)
2466E–AVR–10/02
The OCR0 Register is double buffered when using any of the Pulse Width Modulation
(PWM) modes. For the normal and Clear Timer on Compare (CTC) modes of operation,
the double buffering is disabled. The double buffering synchronizes the update of the
OCR0 Compare Register to either top or bottom of the counting sequence. The synchro-
nization prevents the occurrence of odd-length, non-symmetrical PWM pulses, thereby
making the output glitch-free.
The OCR0 Register access may seem complex, but this is not case. When the double
buffering is enabled, the CPU has access to the OCR0 Buffer Register, and if double
buffering is disabled the CPU will access the OCR0 directly.
Force Output Compare
In non-PWM waveform generation modes, the match output of the comparator can be
forced by writing a one to the Force Output Compare (FOC0) bit. Forcing compare
match will not set the OCF0 flag or reload/clear the timer, but the OC0 pin will be
updated as if a real compare match had occurred (the COM01:0 bits settings define
whether the OC0 pin is set, cleared or toggled).
Compare Match Blocking by
TCNT0 Write
All CPU write operations to the TCNT0 Register will block any compare match that
occur in the next timer clock cycle, even when the timer is stopped. This feature allows
OCR0 to be initialized to the same value as TCNT0 without triggering an interrupt when
the Timer/Counter clock is enabled.
Using the Output Compare
Unit
Since writing TCNT0 in any mode of operation will block all compare matches for one
timer clock cycle, there are risks involved when changing TCNT0 when using the output
compare channel, independently of whether the Timer/Counter is running or not. If the
value written to TCNT0 equals the OCR0 value, the compare match will be missed,
resulting in incorrect waveform generation. Similarly, do not write the TCNT0 value
equal to BOTTOM when the counter is downcounting.
The setup of the OC0 should be performed before setting the Data Direction Register for
the port pin to output. The easiest way of setting the OC0 value is to use the Force Out-
put Compare (FOC0) strobe bits in Normal mode. The OC0 Register keeps its value
even when changing between waveform generation modes.
Be aware that the COM01:0 bits are not double buffered together with the compare
value. Changing the COM01:0 bits will take effect immediately.
Compare Match Output
Unit
The Compare Output mode (COM01:0) bits have two functions. The Waveform Genera-
tor uses the COM01:0 bits for defining the Output Compare (OC0) state at the next
compare match. Also, the COM01:0 bits control the OC0 pin output source. Figure 30
shows a simplified schematic of the logic affected by the COM01:0 bit setting. The I/O
Registers, I/O bits, and I/O pins in the figure are shown in bold. Only the parts of the
general I/O port Control Registers (DDR and PORT) that are affected by the COM01:0
bits are shown. When referring to the OC0 state, the reference is for the internal OC0
Register, not the OC0 pin. If a System Reset occur, the OC0 Register is reset to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com