Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATMEGA16 Datasheet HTML 1Page - ATMEL Corporation ATMEGA16 Datasheet HTML 2Page - ATMEL Corporation ATMEGA16 Datasheet HTML 3Page - ATMEL Corporation ATMEGA16 Datasheet HTML 4Page - ATMEL Corporation ATMEGA16 Datasheet HTML 5Page - ATMEL Corporation ATMEGA16 Datasheet HTML 6Page - ATMEL Corporation ATMEGA16 Datasheet HTML 7Page - ATMEL Corporation ATMEGA16 Datasheet HTML 8Page - ATMEL Corporation ATMEGA16 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 315 page
background image
2
ATmega16(L)
2466E–AVR–10/02
Pin Configurations
Figure 1. Pinouts ATmega16
Disclaimer
Typical values contained in this data sheet are based on simulations and characteriza-
tion of other AVR microcontrollers manufactured on the same process technology. Min
and Max values will be available after the device is characterized.
(XCK/T0)  PB0
(T1)  PB1
(INT2/AIN0)  PB2
(OC0/AIN1)  PB3
(SS)  PB4
(MOSI)  PB5
(MISO)  PB6
(SCK)  PB7
RESET
VCC
GND
XTAL2
XTAL1
(RXD)  PD0
(TXD)  PD1
(INT0)  PD2
(INT1)  PD3
(OC1B)  PD4
(OC1A)  PD5
(ICP)  PD6
PA0  (ADC0)
PA1  (ADC1)
PA2  (ADC2)
PA3  (ADC3)
PA4  (ADC4)
PA5  (ADC5)
PA6  (ADC6)
PA7  (ADC7)
AREF
GND
AVCC
PC7  (TOSC2)
PC6  (TOSC1)
PC5  (TDI)
PC4  (TDO)
PC3  (TMS)
PC2  (TCK)
PC1  (SDA)
PC0  (SCL)
PD7  (OC2)
PA4  (ADC4)
PA5  (ADC5)
PA6  (ADC6)
PA7  (ADC7)
AREF
GND
AVCC
PC7  (TOSC2)
PC6  (TOSC1)
PC5  (TDI)
PC4  (TDO)
(MOSI)  PB5
(MISO)  PB6
(SCK)  PB7
RESET
VCC
GND
XTAL2
XTAL1
(RXD)  PD0
(TXD)  PD1
(INT0)  PD2
PDIP
TQFP/MLF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com