Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 59 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 59 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 55Page - ATMEL Corporation ATMEGA16 Datasheet HTML 56Page - ATMEL Corporation ATMEGA16 Datasheet HTML 57Page - ATMEL Corporation ATMEGA16 Datasheet HTML 58Page - ATMEL Corporation ATMEGA16 Datasheet HTML 59Page - ATMEL Corporation ATMEGA16 Datasheet HTML 60Page - ATMEL Corporation ATMEGA16 Datasheet HTML 61Page - ATMEL Corporation ATMEGA16 Datasheet HTML 62Page - ATMEL Corporation ATMEGA16 Datasheet HTML 63Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 315 page
background image
59
ATmega16(L)
2466E–AVR–10/02
• SDA – Port C, Bit 1
SDA, Two-wire Serial Interface Data: When the TWEN bit in TWCR is set (one) to
enable the Two-wire Serial Interface, pin PC1 is disconnected from the port and
becomes the Serial Data I/O pin for the Two-wire Serial Interface. In this mode, there is
a spike filter on the pin to suppress spikes shorter than 50 ns on the input signal, and the
pin is driven by an open drain driver with slew-rate limitation. When this pin is used by
the Two-wire Serial Interface, the pull-up can still be controlled by the PORTC1 bit.
• SCL – Port C, Bit 0
SCL, Two-wire Serial Interface Clock: When the TWEN bit in TWCR is set (one) to
enable the Two-wire Serial Interface, pin PC0 is disconnected from the port and
becomes the Serial Clock I/O pin for the Two-wire Serial Interface. In this mode, there is
a spike filter on the pin to suppress spikes shorter than 50 ns on the input signal, and the
pin is driven by an open drain driver with slew-rate limitation. When this pin is used by
the Two-wire Serial Interface, the pull-up can still be controlled by the PORTC0 bit.
Table 29 and Table 30 relate the alternate functions of Port C to the overriding signals
shown in Figure 26 on page 52.
Table 29. Overriding Signals for Alternate Functions in PC7..PC4
Signal
Name
PC7/TOSC2
PC6/TOSC1
PC5/TDI
PC4/TDO
PUOE
AS2
AS2
JTAGEN
JTAGEN
PUOV
0
0
1
0
DDOE
AS2
AS2
JTAGEN
JTAGEN
DDOV
0
0
0
SHIFT_IR + SHIFT_DR
PVOE
0
0
0
JTAGEN
PVOV
0
0
0
TDO
DIEOE
AS2
AS2
JTAGEN
JTAGEN
DIEOV
0
0
0
0
DI
–
–
–
–
AIO
T/C2 OSC OUTPUT
T/C2 OSC INPUT
TDI
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com