Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 44 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 40Page - ATMEL Corporation ATMEGA16 Datasheet HTML 41Page - ATMEL Corporation ATMEGA16 Datasheet HTML 42Page - ATMEL Corporation ATMEGA16 Datasheet HTML 43Page - ATMEL Corporation ATMEGA16 Datasheet HTML 44Page - ATMEL Corporation ATMEGA16 Datasheet HTML 45Page - ATMEL Corporation ATMEGA16 Datasheet HTML 46Page - ATMEL Corporation ATMEGA16 Datasheet HTML 47Page - ATMEL Corporation ATMEGA16 Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 315 page
background image
44
ATmega16(L)
2466E–AVR–10/02
When the BOOTRST Fuse is unprogrammed, the Boot section size set to 2K bytes and
the IVSEL bit in the GICR Register is set before any interrupts are enabled, the most
typical and general program setup for the Reset and Interrupt Vector Addresses is:
Address
Labels
Code
Comments
$000
RESET:
ldi
r16,high(RAMEND) ; Main program start
$001
out
SPH,r16
; Set stack pointer to top of RAM
$002
ldi
r16,low(RAMEND)
$003
out
SPL,r16
$004
sei
; Enable interrupts
$005
<instr>
xxx
;
.org $1C02
$1C02
jmp
EXT_INT0
; IRQ0 Handler
$1C04
jmp
EXT_INT1
; IRQ1 Handler
...
....
..
;
$1C28
jmp
SPM_RDY
; Store Program Memory Ready Handler
When the BOOTRST Fuse is programmed and the Boot section size set to 2K bytes, the
most typical and general program setup for the Reset and Interrupt Vector Addresses is:
Address
Labels
Code
Comments
.org $002
$002
jmp
EXT_INT0
; IRQ0 Handler
$004
jmp
EXT_INT1
; IRQ1 Handler
...
....
..
;
$028
jmp
SPM_RDY
; Store Program Memory Ready Handler
;
.org $1C00
$1C00
RESET:
ldi
r16,high(RAMEND) ; Main program start
$1C01
out
SPH,r16
; Set stack pointer to top of RAM
$1C02
ldi
r16,low(RAMEND)
$1C03
out
SPL,r16
$1C04
sei
; Enable interrupts
$1C05
<instr>
xxx
When the BOOTRST Fuse is programmed, the Boot section size set to 2K bytes and the
IVSEL bit in the GICR Register is set before any interrupts are enabled, the most typical
and general program setup for the Reset and Interrupt Vector Addresses is:
Address
Labels
Code
Comments
.org $1C00
$1C00
jmp
RESET
; Reset handler
$1C02
jmp
EXT_INT0
; IRQ0 Handler
$1C04
jmp
EXT_INT1
; IRQ1 Handler
...
....
..
;
$1C28
jmp
SPM_RDY
; Store Program Memory Ready Handler
;
$1C2A
RESET:
ldi
r16,high(RAMEND) ; Main program start
$1C2B
out
SPH,r16
; Set stack pointer to top of RAM
$1C2C
ldi
r16,low(RAMEND)
$1C2D
out
SPL,r16
$1C2E
sei
; Enable interrupts
$1C2F
<instr>
xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com