Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 138 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 138 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 134Page - ATMEL Corporation ATMEGA16 Datasheet HTML 135Page - ATMEL Corporation ATMEGA16 Datasheet HTML 136Page - ATMEL Corporation ATMEGA16 Datasheet HTML 137Page - ATMEL Corporation ATMEGA16 Datasheet HTML 138Page - ATMEL Corporation ATMEGA16 Datasheet HTML 139Page - ATMEL Corporation ATMEGA16 Datasheet HTML 140Page - ATMEL Corporation ATMEGA16 Datasheet HTML 141Page - ATMEL Corporation ATMEGA16 Datasheet HTML 142Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 315 page
background image
138
ATmega16(L)
2466E–AVR–10/02
The dashed boxes in the block diagram separate the three main parts of the USART
(listed from the top): Clock Generator, Transmitter and Receiver. Control registers are
shared by all units. The clock generation logic consists of synchronization logic for exter-
nal clock input used by synchronous slave operation, and the baud rate generator. The
XCK (Transfer Clock) pin is only used by Synchronous Transfer mode. The Transmitter
consists of a single write buffer, a serial shift register, parity generator and control logic
for handling different serial frame formats. The write buffer allows a continuous transfer
of data without any delay between frames. The Receiver is the most complex part of the
USART module due to its clock and data recovery units. The recovery units are used for
asynchronous data reception. In addition to the recovery units, the receiver includes a
parity checker, control logic, a Shift Register and a two level receive buffer (UDR). The
receiver supports the same frame formats as the transmitter, and can detect frame
error, data overrun and parity errors.
AVR USART vs. AVR UART –
Compatibility
The USART is fully compatible with the AVR UART regarding:
•
Bit locations inside all USART Registers
•
Baud Rate Generation
•
Transmitter Operation
•
Transmit Buffer Functionality
•
Receiver Operation
However, the receive buffering has two improvements that will affect the compatibility in
some special cases:
•
A second buffer register has been added. The two buffer registers operate as a
circular FIFO buffer. Therefore the UDR must only be read once for each incoming
data! More important is the fact that the error flags (FE and DOR) and the 9th data
bit (RXB8) are buffered with the data in the receive buffer. Therefore the status bits
must always be read before the UDR Register is read. Otherwise the error status
will be lost since the buffer state is lost.
•
The receiver Shift Register can now act as a third buffer level. This is done by
allowing the received data to remain in the serial Shift Register (see Figure 69) if the
buffer registers are full, until a new start bit is detected. The USART is therefore
more resistant to Data OverRun (DOR) error conditions.
The following control bits have changed name, but have same functionality and register
location:
•
CHR9 is changed to UCSZ2
•
OR is changed to DOR
Clock Generation
The clock generation logic generates the base clock for the Transmitter and Receiver.
The USART supports four modes of clock operation: Normal Asynchronous, Double
Speed Asynchronous, Master Synchronous and Slave Synchronous mode. The UMSEL
bit in USART Control and Status Register C (UCSRC) selects between asynchronous
and synchronous operation. Double Speed (Asynchronous mode only) is controlled by
the U2X found in the UCSRA Register. When using Synchronous mode (UMSEL = 1),
the Data Direction Register for the XCK pin (DDR_XCK) controls whether the clock
source is internal (Master mode) or external (Slave mode). The XCK pin is only active
when using Synchronous mode.
Figure 70 shows a block diagram of the clock generation logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com