Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 152 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 152 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 148Page - ATMEL Corporation ATMEGA16 Datasheet HTML 149Page - ATMEL Corporation ATMEGA16 Datasheet HTML 150Page - ATMEL Corporation ATMEGA16 Datasheet HTML 151Page - ATMEL Corporation ATMEGA16 Datasheet HTML 152Page - ATMEL Corporation ATMEGA16 Datasheet HTML 153Page - ATMEL Corporation ATMEGA16 Datasheet HTML 154Page - ATMEL Corporation ATMEGA16 Datasheet HTML 155Page - ATMEL Corporation ATMEGA16 Datasheet HTML 156Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 315 page
background image
152
ATmega16(L)
2466E–AVR–10/02
Figure 75. Stop Bit Sampling and Next Start Bit Sampling
The same majority voting is done to the stop bit as done for the other bits in the frame. If
the stop bit is registered to have a logic 0 value, the Frame Error (FE) flag will be set.
A new high to low transition indicating the start bit of a new frame can come right after
the last of the bits used for majority voting. For Normal Speed mode, the first low level
sample can be at point marked (A) in Figure 75. For Double Speed mode the first low
level must be delayed to (B). (C) marks a stop bit of full length. The early start bit detec-
tion influences the operational range of the receiver.
Asynchronous Operational
Range
The operational range of the receiver is dependent on the mismatch between the
received bit rate and the internally generated baud rate. If the Transmitter is sending
frames at too fast or too slow bit rates, or the internally generated baud rate of the
receiver does not have a similar (see Table 61) base frequency, the receiver will not be
able to synchronize the frames to the start bit.
The following equations can be used to calculate the ratio of the incoming data rate and
internal receiver baud rate.
D
Sum of character size and parity size (D = 5 to 10 bit)
S
Samples per bit. S = 16 for Normal Speed mode and S = 8 for
Double Speed mode.
S
F
First sample number used for majority voting. S
F = 8 for Normal Speed and
S
F = 4 for Double Speed mode.
S
M
Middle sample number used for majority voting. S
M = 9 for Normal Speed and
S
M = 5 for Double Speed mode.
R
slow is the ratio of the slowest incoming data rate that can be accepted in relation to the
receiver baud rate. R
fast is the ratio of the fastest incoming data rate that can be
accepted in relation to the receiver baud rate.
12
34
56
7
8
9
10
0/1
0/1
0/1
STOP 1
123
4
5
6
0/1
RxD
Sample
(U2X = 0)
Sample
(U2X = 1)
(A)
(B)
(C)
R
slo w
D
1
+
()S
S
1
–
DS
⋅
S
F
++
-------------------------------------------
=
R
fast
D
2
+
()S
D
1
+
()SS
M
+
-----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com