Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 179 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 179 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 175Page - ATMEL Corporation ATMEGA16 Datasheet HTML 176Page - ATMEL Corporation ATMEGA16 Datasheet HTML 177Page - ATMEL Corporation ATMEGA16 Datasheet HTML 178Page - ATMEL Corporation ATMEGA16 Datasheet HTML 179Page - ATMEL Corporation ATMEGA16 Datasheet HTML 180Page - ATMEL Corporation ATMEGA16 Datasheet HTML 181Page - ATMEL Corporation ATMEGA16 Datasheet HTML 182Page - ATMEL Corporation ATMEGA16 Datasheet HTML 183Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 315 page
background image
179
ATmega16(L)
2466E–AVR–10/02
Assembly code example
C example
Comments
1
ldi
r16, (1<<TWINT)|(1<<TWSTA)|
(1<<TWEN)
out
TWCR, r16
TWCR = (1<<TWINT)|(1<<TWSTA)|
(1<<TWEN)
Send START condition
2
wait1:
in
r16,TWCR
sbrs
r16,TWINT
rjmp
wait1
while
(!(TWCR & (1<<TWINT)))
;
Wait for TWINT flag set. This indicates
that the START condition has been
transmitted
3
in
r16,TWSR
andi
r16, 0xF8
cpi
r16, START
brne
ERROR
if
((TWSR & 0xF8) != START)
ERROR();
Check value of TWI Status Register. Mask
prescaler bits. If status different from
START go to ERROR
ldi
r16, SLA_W
out
TWDR, r16
ldi
r16, (1<<TWINT) | (1<<TWEN)
out
TWCR, r16
TWDR = SLA_W;
TWCR = (1<<TWINT) | (1<<TWEN);
Load SLA_W into TWDR Register. Clear
TWINT bit in TWCR to start transmission
of address
4
wait2:
in
r16,TWCR
sbrs
r16,TWINT
rjmp
wait2
while
(!(TWCR & (1<<TWINT)))
;
Wait for TWINT flag set. This indicates
that the SLA+W has been transmitted,
and ACK/NACK has been received.
5
in
r16,TWSR
andi
r16, 0xF8
cpi
r16, MT_SLA_ACK
brne
ERROR
if
((TWSR & 0xF8) != MT_SLA_ACK)
ERROR();
Check value of TWI Status Register. Mask
prescaler bits. If status different from
MT_SLA_ACK go to ERROR
ldi
r16, DATA
out
TWDR, r16
ldi
r16, (1<<TWINT) | (1<<TWEN)
out
TWCR, r16
TWDR = DATA;
TWCR = (1<<TWINT) | (1<<TWEN);
Load DATA into TWDR Register. Clear
TWINT bit in TWCR to start transmission
of data
6
wait3:
in
r16,TWCR
sbrs
r16,TWINT
rjmp
wait3
while
(!(TWCR & (1<<TWINT)))
;
Wait for TWINT flag set. This indicates
that the DATA has been transmitted, and
ACK/NACK has been received.
7
in
r16,TWSR
andi
r16, 0xF8
cpi
r16, MT_DATA_ACK
brne
ERROR
if
((TWSR & 0xF8) != MT_DATA_ACK)
ERROR();
Check value of TWI Status Register. Mask
prescaler bits. If status different from
MT_DATA_ACK go to ERROR
ldi
r16, (1<<TWINT)|(1<<TWEN)|
(1<<TWSTO)
out
TWCR, r16
TWCR = (1<<TWINT)|(1<<TWEN)|
(1<<TWSTO);
Transmit STOP condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com