Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 204 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 204 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 200Page - ATMEL Corporation ATMEGA16 Datasheet HTML 201Page - ATMEL Corporation ATMEGA16 Datasheet HTML 202Page - ATMEL Corporation ATMEGA16 Datasheet HTML 203Page - ATMEL Corporation ATMEGA16 Datasheet HTML 204Page - ATMEL Corporation ATMEGA16 Datasheet HTML 205Page - ATMEL Corporation ATMEGA16 Datasheet HTML 206Page - ATMEL Corporation ATMEGA16 Datasheet HTML 207Page - ATMEL Corporation ATMEGA16 Datasheet HTML 208Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 315 page
background image
204
ATmega16(L)
2466E–AVR–10/02
Differential Gain Channels
When using differential gain channels, certain aspects of the conversion need to be
taken into consideration.
Differential conversions are synchronized to the internal clock CKADC2 equal to half the
ADC clock. This synchronization is done automatically by the ADC interface in such a
way that the sample-and-hold occurs at a specific phase of CKADC2. A conversion initi-
ated by the user (i.e., all single conversions, and the first free running conversion) when
CKADC2 is low will take the same amount of time as a single ended conversion (13 ADC
clock cycles from the next prescaled clock cycle). A conversion initiated by the user
when CKADC2 is high will take 14 ADC clock cycles due to the synchronization mecha-
nism. In Free Running mode, a new conversion is initiated immediately after the
previous conversion completes, and since CKADC2 is high at this time, all automatically
started (i.e., all but the first) free running conversions will take 14 ADC clock cycles.
The gain stage is optimized for a bandwidth of 4 kHz at all gain settings. Higher frequen-
cies may be subjected to non-linear amplification. An external low-pass filter should be
used if the input signal contains higher frequency components than the gain stage band-
width. Note that the ADC clock frequency is independent of the gain stage bandwidth
limitation. For example, the ADC clock period may be 6 µs, allowing a channel to be
sampled at 12 kSPS, regardless of the bandwidth of this channel.
If differential gain channels are used and conversions are started by Auto Triggering, the
ADC must be switched off between conversions. When Auto Triggering is used, the
ADC prescaler is reset before the conversion is started. Since the gain stage is depen-
dent of a stable ADC clock prior to the conversion, this conversion will not be valid. By
disabling and then re-enabling the ADC between each conversion (writing ADEN in
ADCSRA to “0” then to “1”), only extended conversions are performed. The result from
the extended conversions will be valid. See “Prescaling and Conversion Timing” on
page 201 for timing details.
Changing Channel or
Reference Selection
The MUXn and REFS1:0 bits in the ADMUX Register are single buffered through a tem-
porary register to which the CPU has random access. This ensures that the channels
and reference selection only takes place at a safe point during the conversion. The
channel and reference selection is continuously updated until a conversion is started.
Once the conversion starts, the channel and reference selection is locked to ensure a
sufficient sampling time for the ADC. Continuous updating resumes in the last ADC
clock cycle before the conversion completes (ADIF in ADCSRA is set). Note that the
conversion starts on the following rising ADC clock edge after ADSC is written. The user
is thus advised not to write new channel or reference selection values to ADMUX until
one ADC clock cycle after ADSC is written.
Table 80. ADC Conversion Time
Condition
Sample & Hold (Cycles
from Start of
Conversion)
Conversion Time (Cycles)
First conversion
14.5
25
Normal conversions, single ended
1.5
13
Auto Triggered conversions
2
13.5
Normal conversions, differential
1.5/2.5
13/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com