Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 210 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 210 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 206Page - ATMEL Corporation ATMEGA16 Datasheet HTML 207Page - ATMEL Corporation ATMEGA16 Datasheet HTML 208Page - ATMEL Corporation ATMEGA16 Datasheet HTML 209Page - ATMEL Corporation ATMEGA16 Datasheet HTML 210Page - ATMEL Corporation ATMEGA16 Datasheet HTML 211Page - ATMEL Corporation ATMEGA16 Datasheet HTML 212Page - ATMEL Corporation ATMEGA16 Datasheet HTML 213Page - ATMEL Corporation ATMEGA16 Datasheet HTML 214Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 315 page
background image
210
ATmega16(L)
2466E–AVR–10/02
ADC Conversion Result
After the conversion is complete (ADIF is high), the conversion result can be found in
the ADC Result Registers (ADCL, ADCH).
For single ended conversion, the result is
where V
IN is the voltage on the selected input pin and VREF the selected voltage refer-
ence (see Table 82 on page 211 and Table 83 on page 212). 0x000 represents analog
ground, and 0x3FF represents the selected reference voltage minus one LSB.
If differential channels are used, the result is
where V
POS is the voltage on the positive input pin, VNEG the voltage on the negative
input pin, GAIN the selected gain factor, and V
REF the selected voltage reference. The
result is presented in two’s complement form, from 0x200 (-512d) through 0x1FF
(+511d). Note that if the user wants to perform a quick polarity check of the results, it is
sufficient to read the MSB of the result (ADC9 in ADCH). If this bit is one, the result is
negative, and if this bit is zero, the result is positive. Figure 111 shows the decoding of
the differential input range.
Table 81 shows the resulting output codes if the differential input channel pair (ADCn -
ADCm) is selected with a gain of GAIN and a reference voltage of V
REF.
Figure 111. Differential Measurement Range
ADC
V
IN
1024
⋅
V
REF
--------------------------
=
ADC
V
PO S
V
NEG
–
() GAIN 512
⋅⋅
V
REF
------------------------------------------------------------------------
=
0
Output Code
0x1FF
0x000
V
REF/GAIN
Differential Input
Voltage (Volts)
0x3FF
0x200
- V
REF/GAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com