Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 243 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 243 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 239Page - ATMEL Corporation ATMEGA16 Datasheet HTML 240Page - ATMEL Corporation ATMEGA16 Datasheet HTML 241Page - ATMEL Corporation ATMEGA16 Datasheet HTML 242Page - ATMEL Corporation ATMEGA16 Datasheet HTML 243Page - ATMEL Corporation ATMEGA16 Datasheet HTML 244Page - ATMEL Corporation ATMEGA16 Datasheet HTML 245Page - ATMEL Corporation ATMEGA16 Datasheet HTML 246Page - ATMEL Corporation ATMEGA16 Datasheet HTML 247Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 315 page
background image
243
ATmega16(L)
2466E–AVR–10/02
Figure 125. Memory Sections(1)
Note:
1. The parameters in the figure above are given in Table 99 on page 252.
Boot Loader Lock Bits
If no Boot Loader capability is needed, the entire Flash is available for application code.
The Boot Loader has two separate sets of Boot Lock bits which can be set indepen-
dently. This gives the user a unique flexibility to select different levels of protection.
The user can select:
•
To protect the entire Flash from a software update by the MCU
•
To protect only the Boot Loader Flash section from a software update by the MCU
•
To protect only the Application Flash section from a software update by the MCU
•
Allow software update in the entire Flash
See Table 95 and Table 96 for further details. The Boot Lock bits can be set in software
and in Serial or Parallel Programming mode, but they can be cleared by a Chip Erase
command only. The general Write Lock (Lock Bit mode 2) does not control the program-
ming of the Flash memory by SPM instruction. Similarly, the general Read/Write Lock
(Lock Bit mode 3) does not control reading nor writing by LPM/SPM, if it is attempted.
$0000
Flashend
Program Memory
BOOTSZ = '11'
Application Flash Section
Boot Loader Flash Section
Flashend
Program Memory
BOOTSZ = '10'
$0000
Program Memory
BOOTSZ = '01'
Program Memory
BOOTSZ = '00'
Application Flash Section
Boot Loader Flash Section
$0000
Flashend
Application Flash Section
Flashend
End RWW
Start NRWW
Application flash Section
Boot Loader Flash Section
Boot Loader Flash Section
End RWW
Start NRWW
End RWW
Start NRWW
$0000
End RWW, End Application
Start NRWW, Start Boot Loader
Application Flash Section
Application Flash Section
Application Flash Section
End Application
Start Boot Loader
End Application
Start Boot Loader
End Application
Start Boot Loader



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com