Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 250 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 250 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 246Page - ATMEL Corporation ATMEGA16 Datasheet HTML 247Page - ATMEL Corporation ATMEGA16 Datasheet HTML 248Page - ATMEL Corporation ATMEGA16 Datasheet HTML 249Page - ATMEL Corporation ATMEGA16 Datasheet HTML 250Page - ATMEL Corporation ATMEGA16 Datasheet HTML 251Page - ATMEL Corporation ATMEGA16 Datasheet HTML 252Page - ATMEL Corporation ATMEGA16 Datasheet HTML 253Page - ATMEL Corporation ATMEGA16 Datasheet HTML 254Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 315 page
background image
250
ATmega16(L)
2466E–AVR–10/02
correctly. Secondly, the CPU itself can execute instructions incorrectly, if the supply
voltage for executing instructions is too low.
Flash corruption can easily be avoided by following these design recommendations (one
is sufficient):
1.
If there is no need for a Boot Loader update in the system, program the Boot
Loader Lock bits to prevent any Boot Loader software updates.
2.
Keep the AVR RESET active (low) during periods of insufficient power supply
voltage. This can be done by enabling the internal Brown-out Detector (BOD) if
the operating voltage matches the detection level. If not, an external low V
CC
Reset Protection circuit can be used. If a reset occurs while a write operation is
in progress, the write operation will be completed provided that the power supply
voltage is sufficient.
3.
Keep the AVR core in Power-down Sleep mode during periods of low V
CC. This
will prevent the CPU from attempting to decode and execute instructions, effec-
tively protecting the SPMCR register and thus the Flash from unintentional
writes.
Programming Time for Flash
when using SPM
The Calibrated RC Oscillator is used to time Flash accesses. Table 98 shows the typical
programming time for Flash accesses from the CPU.
Simple Assembly Code
Example for a Boot Loader
;-the routine writes one page of data from RAM to Flash
; the first data location in RAM is pointed to by the Y pointer
; the first data location in Flash is pointed to by the Z pointer
;-error handling is not included
;-the routine must be placed inside the boot space
; (at least the Do_spm sub routine). Only code inside NRWW section can
; be read during self-programming (page erase and page write).
;-registers used: r0, r1, temp1 (r16), temp2 (r17), looplo (r24),
; loophi (r25), spmcrval (r20)
; storing and restoring of registers is not included in the routine
; register usage can be optimized at the expense of code size
;-It is assumed that either the interrupt table is moved to the Boot
; loader section or that the interrupts are disabled.
.equ
PAGESIZEB = PAGESIZE*2
; PAGESIZEB is page size in BYTES, not
; words
.org SMALLBOOTSTART
Write_page:
; page erase
ldi
spmcrval, (1<<PGERS) | (1<<SPMEN)
call
Do_spm
; re-enable the RWW section
ldi
spmcrval, (1<<RWWSRE) | (1<<SPMEN)
call
Do_spm
; transfer data from RAM to Flash page buffer
ldi
looplo, low(PAGESIZEB)
;init loop variable
ldi
loophi, high(PAGESIZEB)
;not required for PAGESIZEB<=256
Wrloop:
ld
r0, Y+
ld
r1, Y+
ldi
spmcrval, (1<<SPMEN)
Table 98. SPM Programming Time.
Symbol
Min Programming Time
Max Programming Time
Flash write (Page Erase, Page
Write, and write Lock bits by SPM)
3.7 ms
4.5 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com