Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 297 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 297 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 293Page - ATMEL Corporation ATMEGA16 Datasheet HTML 294Page - ATMEL Corporation ATMEGA16 Datasheet HTML 295Page - ATMEL Corporation ATMEGA16 Datasheet HTML 296Page - ATMEL Corporation ATMEGA16 Datasheet HTML 297Page - ATMEL Corporation ATMEGA16 Datasheet HTML 298Page - ATMEL Corporation ATMEGA16 Datasheet HTML 299Page - ATMEL Corporation ATMEGA16 Datasheet HTML 300Page - ATMEL Corporation ATMEGA16 Datasheet HTML 301Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 315 page
background image
297
ATmega16(L)
2466E–AVR–10/02
Figure 154. RC Oscillator Frequency vs. Temperature (the devices are calibrated to 8
MHz at Vcc = 5V, T=25c)
Figure 155. RC Oscillator Frequency vs. Operating Voltage (the devices are calibrated
to 8 MHz at Vcc = 5V, T=25c)
CALIBRATED 8MHz RC OSCILLATOR FREQUENCY
T
a(˚C)
vs. TEMPERATURE
V = 2.7V
cc
V = 5.5V
cc
V = 5.0V
cc
V = 4.5V
cc
V = 4.0V
cc
V = 3.6V
cc
V = 3.3V
cc
V = 3.0V
cc
6.7
6.9
7.1
7.3
7.5
7.7
7.9
8.1
8.3
8.5
-40
-20
0
20
40
60
80
CALIBRATED 8MHz RC OSCILLATOR FREQUENCY
V
cc(V)
T = 45˚C
A
T = 70˚C
A
vs. OPERATING VOLTAGE
T = 25˚C
A
T = -10˚C
A
T = -40˚C
A
T = 85˚C
A
6.7
6.9
7.1
7.3
7.5
7.7
7.9
8.1
8.3
8.5
2.5
3
3.5
4
4.5
5
5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com