Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF7991AT Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PCF7991AT
Description  Fully integrated single chip basestation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCF7991AT Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PCF7991AT Datasheet HTML 1Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 2Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 3Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 4Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 5Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 6Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 7Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 8Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
printed 1998 Apr 20
3
Philips Semiconductors
Product Specification (Rev. 1998 Apr 20)
Advanced Basestation IC
PCF7991AT
1
FEATURES
• Fully integrated single chip basestation
• Compatible with PCF79xx transponder family
• Robust antenna coil power driver stage with modulator
• High performance adaptive sampling time AM/PM
demodulator (patent pending)
• Read and write function
• Programmable modulator/demodulator characteristics
• On-chip clock oscillator and divider in the case of
external clock reference
• Antenna rupture and short circuit detection
• Low power consumption
• Very low power stand-by mode
• Low external component count
• Small package (SO14).
2
GENERAL DESCRIPTION
The PCF7991AT is a fully integrated Advanced
Basestation IC, ABIC, designed for car immobilizer
systems providing read and write access to an
identification transponder. The device is intended for use
with the Philips transponder family (PCF79xx) as well as
other transponder types operating at 125 kHz and
employing ASK, Amplitude Shift Keying for write and
AM/PM for the read operation. The receiver characteristics
(amplifier gain, filter cutoff frequencies) can be optimized
to system and transponder requirements. The
PCF7991AT IC is designed for easy integration into
immobilizer read/write and read-only systems featuring a
high degree of integration and very low external
component count. The device integrates a powerful
antenna driver/modulator, a low-noise adaptive sampling
time demodulator, programmable filters/amplifier and
digitizer, required to design high-performance
basestations. A three wire microcontroller interface is
provided for programming the PCF7991AT as well as for
the bidirectional communication with the transponder. The
three-wire interface can be configured for two wire
operation by connecting the data input and the data
output.
The device employs a unique Adaptive Sampling Time
(AST) demodulation technique, that extends the system
operation range and eliminates the effect of a zero
amplitude modulation response from the transponder, as a
result of resonance frequency tolerances.
3
ORDERING INFORMATION
EXTENDED
TYPE NUMBER
PACKAGE
TEMPERATURE
RANGE (
°C)
NAME
DESCRIPTION
VERSION
PCF7991AT/1081
SO14
plastic small outline package; 14 leads
SOT108-1
−40 to +85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com