Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF7991AT Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PCF7991AT
Description  Fully integrated single chip basestation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCF7991AT Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PCF7991AT Datasheet HTML 1Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 2Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 3Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 4Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 5Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 6Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 7Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 8Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
printed 1998 Apr 20
4
Philips Semiconductors
Product Specification (Rev. 1998 Apr 20)
Advanced Basestation IC
PCF7991AT
4
BLOCK DIAGRAM
Fig.1 Blockdiagram advanced basestation PCF7991AT.
Antenna Drivers
Modulator
Control
Unit
Oscillator
Serial Interface
Control Register
Synchron
Demodulator
Phase
Measurement
Bandpass Filter
Amplifier
Dynamic Control
Digitizer
TX1
TX2
RX
QGND
CEXT
VSS
XTAL1
XTAL2
DIN
DOUT
SCLK
VDD
MODE
5
QUICK REFERENCE DATA
PARAMETER
VALUE
MIN.
MAX.
UNIT
Supply voltage
4.5
5.5
V
Power-down current
20
µA
Clock/Oscillator frequency
(antenna carrier frequency 125 kHz)
4
16
MHz
Antenna driver current
400
mAp
Receiver sensitivity
2
mVpp
Serial interface
CMOS compatible
Package
SO14
Operation temperature range
−40 °C to +85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com