Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF7991AT Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PCF7991AT
Description  Fully integrated single chip basestation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCF7991AT Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PCF7991AT Datasheet HTML 3Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 4Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 5Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 6Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 7Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 8Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 9Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 10Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
printed 1998 Apr 20
7
Philips Semiconductors
Product Specification (Rev. 1998 Apr 20)
Advanced Basestation IC
PCF7991AT
8
FUNCTIONAL DESCRIPTION
8.1
Power Supply
The PCF7991AT operates from an external 5 V power
supply. For optimum performance a stabilized supply
voltage should be applied.
8.2
Antenna driver
The antenna drivers are configured as a full bridge capable
to deliver a square wave shaped voltage to the series
resonant antenna circuit, which is connected between TX1
and TX2. The full bridge drivers are characterized by a low
output impedance featuring a large drive voltage to the
resonant antenna circuit. The antenna carrier frequency is
125 kHz typically.
8.3
Modulator
The modulator enables ASK (Amplitude Shift Keying)
modulation of the antenna RF signal after switching the
device into transparent mode (WRITE_TAG mode) by a
WRITE_TAG or WRITE_TAG_N command (see Table 2).
ASK modulation is achieved by blanking the antenna drive
signal under control of the data input (DIN). The modulator
features a timer circuitry that supports carrier blanking with
a programmable duration (see Table 2).
8.4
Oscillator
The on-chip oscillator operates either with a crystal or
ceramic resonator connected to XTAL1/2. Alternatively, an
external clock source (CMOS compatible) may be applied
at XTAL1. The oscillator frequency feeds a programmable
divider in order to derive the system clock and the antenna
carrier frequency of 125 kHz. The programmable divider
supports an oscillator frequency of 4, 8, 12 and 16 MHz
(see Table 11).
8.5
Receiver
The receiver senses and demodulates the absorption
modulation applied by a transponder that is inside the
antenna RF field. The demodulated and digitized signal is
available at the data output (DOUT) after switching the
device into transparent mode (READ_TAG mode) by a
READ_TAG command (see Table 2).
The receiver features a high sensitivity and an extended
input voltage range to ensure a large receiver dynamic
range. The antenna tap signal is fed to the receiver input
(RX) after attenuation by means of an external series
resistor (RV) and the receiver input impedance (RIRX) in
order to match the receiver input voltage specification. The
receive signal passes an on-chip second order low pass
filter and is further attenuated before it is fed to the
synchron demodulator and phase measurement circuitry.
8.5.1
SYNCHRON DEMODULATOR
The antenna current and therefore the tap voltage is
modulated by the transponder in amplitude and/or phase
depending on various system parameters. By employing a
unique Adaptive Sampling Time (AST) demodulation
technique, amplitude and phase modulation of the receive
signal is detected featuring an extended system operation
range. The receive sampling time is set by the
SET_SAMPLING_TIME command (see Table 2). The
appropriate sampling time can be derived from an on-chip
phase measurement and an offset that accounts for the
external antenna interface component values.
Receive signal sampling is inhibited when a WRITE_TAG
or WRITE_TAG_N command is issued in order to avoid
that write pulses de-sensitize the amplifier and digitizer
circuitry. Signal sampling is resumed when the
WRITE_TAG mode is terminated. For better receiver
setting a short delay after the last write pulse has to be
provided before the WRITE_TAG mode is terminated.
8.5.2
BANDPASS FILTER,AMPLIFIER AND DIGITIZER
After demodulation the receive signal passes a baseband
filter and amplifier prior to digitization. The amplifier gain
and bandpass filter cutoff frequencies are adjustable by
the SET_CONFIG_PAGE 0 command, in order to adapt
the receiver path to the system coupling factor and
transponder data rate.
For fast receiver settling after device power-up, sampling
time shift or when switching from WRITE_TAG mode to
READ_TAG mode the bandpass filter, amplifier and
digitizer circuit biasing condition can be initialized and
restored by a set of control bits accessible via the
SET_CONFIG_PAGE commands.
8.5.3
PHASE MEASUREMENT
The optimum receive signal sampling time depends on the
actual tuning condition of the resonant antenna circuitry.
The actual tuning condition of the resonance antenna is
determined by measuring the phase relationship between
the exciting signal at the antenna driver output and the
antenna tap voltage applied to the receiver input. In case
of perfect tuning, the phase should be 90 degree plus an
offset that accounts for the receiver input attenuation and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com