Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF7991AT Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PCF7991AT
Description  Fully integrated single chip basestation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCF7991AT Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button PCF7991AT Datasheet HTML 2Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 3Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 4Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 5Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 6Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 7Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 8Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 9Page - List of Unclassifed Manufacturers PCF7991AT Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
printed 1998 Apr 20
6
Philips Semiconductors
Product Specification (Rev. 1998 Apr 20)
Advanced Basestation IC
PCF7991AT
7
MINIMUM APPLICATION CIRCUITRY
The following figure shows a minimal application circuitry for the PCF7991AT. The antenna coil La together with the
capacitor Ca form a series resonant LC circuit (f = 125 kHz). The antenna tap voltage is attenuated by RV and the input
impedance of the RX-pin. The capacitors at XTAL1 and XTAL2 are selected according to the crystal or ceramic resonator
specification. In the case of an external clock reference they may be omitted. The capacitors at QGND and CEXT are for
device internal biasing and decoupling purposes.
Fig.3 Minimum application circuitry
VDD
10
µF
+
100nF
La
Ca
Rv
XTAL1
XTAL2
VDD
DIN
DOUT
SCLK
TX1
TX2
RX
QGND
CEXT
VSS
100nF
100nF
TO
MICRO-
PROCESSOR
MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com