Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7701MA/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7701MA/NOPB
Description  Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7701MA/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMP7701MA/NOPB Datasheet HTML 15Page - Texas Instruments LMP7701MA/NOPB Datasheet HTML 16Page - Texas Instruments LMP7701MA/NOPB Datasheet HTML 17Page - Texas Instruments LMP7701MA/NOPB Datasheet HTML 18Page - Texas Instruments LMP7701MA/NOPB Datasheet HTML 19Page - Texas Instruments LMP7701MA/NOPB Datasheet HTML 20Page - Texas Instruments LMP7701MA/NOPB Datasheet HTML 21Page - Texas Instruments LMP7701MA/NOPB Datasheet HTML 22Page - Texas Instruments LMP7701MA/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
2
4
6
8
10
12
0
20
40
60
80
100
SUPPLY VOLTAGE (V)
125°C
25°C
-40°C
RL = 2 k:
2
4
6
8
10
12
0
20
40
60
80
100
SUPPLY VOLTAGE (V)
125°C
25°C
-40°C
RL = 2 k:
2
4
6
8
10
12
0
10
20
30
40
50
SUPPLY VOLTAGE (V)
125°C
25°C
-40°C
RL = 10 k:
2
4
6
8
10
12
0
10
20
30
40
50
SUPPLY VOLTAGE (V)
125°C
25°C
-40°C
RL = 10 k:
500
400
300
200
100
0
60
70
80
90
100
110
120
130
140
150
OUTPUT SWING FROM RAIL (mV)
RL = 2 k:
RL = 10 k:
VS = 3V
VS = 10V
VS = 5V
1
100
100k
FREQUENCY (Hz)
0
40
120
10k
1k
10
100
60
20
80
VS = 3V
VS = 5V
VS = 10V
LMP7701, LMP7702, LMP7704
www.ti.com
SNOSAI9I – SEPTEMBER 2005 – REVISED NOVEMBER 2015
Typical Characteristics (continued)
TA = 25°C, VCM = VS/2, RL > 10 kΩ (unless otherwise noted)
Figure 31. Input Voltage Noise vs Frequency
Figure 32. Open Loop Gain vs Output Voltage Swing
Figure 33. Output Swing High vs Supply Voltage
Figure 34. Output Swing Low vs Supply Voltage
Figure 35. Output Swing High vs Supply Voltage
Figure 36. Output Swing Low vs Supply Voltage
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LMP7701 LMP7702 LMP7704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com