Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7701MA/NOPB Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7701MA/NOPB
Description  Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7701MA/NOPB Datasheet(HTML) 29 Page - Texas Instruments

Back Button LMP7701MA/NOPB Datasheet HTML 25Page - Texas Instruments LMP7701MA/NOPB Datasheet HTML 26Page - Texas Instruments LMP7701MA/NOPB Datasheet HTML 27Page - Texas Instruments LMP7701MA/NOPB Datasheet HTML 28Page - Texas Instruments LMP7701MA/NOPB Datasheet HTML 29Page - Texas Instruments LMP7701MA/NOPB Datasheet HTML 30Page - Texas Instruments LMP7701MA/NOPB Datasheet HTML 31Page - Texas Instruments LMP7701MA/NOPB Datasheet HTML 32Page - Texas Instruments LMP7701MA/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
1
2
3
4
5
7
8
9
10
11
12
13
14
600
500
400
300
200
100
0
-100
-200
-300
-400
-500
-600
pH
mV
10°C (74.04 mV/pH)
25°C (59.15 mV/pH)
0°C (54.20 mV/pH)
LMP7701, LMP7702, LMP7704
www.ti.com
SNOSAI9I – SEPTEMBER 2005 – REVISED NOVEMBER 2015
Typical Application (continued)
The output of pH electrodes is usually large enough that it does not require much amplification; however, due to
the very high impedance, the output of a pH electrode needs to be buffered before it can go to an ADC. Because
most ADCs are operated on single supply, the output of the pH electrode also needs to be level shifted. Amplifier
A1 buffers the output of the pH electrode with a moderate gain of +2, while A2 provides the level shifting. VOUT at
the output of A2 is given by: VOUT = −2VpH + 1.024V.
The LM4140A is a precision, low noise, voltage reference used to provide the level shift needed. The ADC used
in this application is the ADC12032 which is a 12-bit, 2 channel converter with multiplexers on the inputs and a
serial output. The 12-bit ADC enables users to measure pH with an accuracy of 0.003 of a pH unit. Adequate
power supply bypassing and grounding is extremely important for ADCs. Recommended bypass capacitors are
shown in Figure 49. It is common to share power supplies between different components in a circuit. To minimize
the effects of power supply ripples caused by other components, the op amps must have bypass capacitors on
the supply pins. Using the same value capacitors as those used with the ADC are ideal. The combination of
these three values of capacitors ensures that AC noise present on the power supply line is grounded and does
not interfere with the amplifiers' signal.
9.2.3 Application Curves
Figure 52. Temperature Dependence of a pH Electrode
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LMP7701 LMP7702 LMP7704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com