Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7701MA/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7701MA/NOPB
Description  Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7701MA/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button LMP7701MA/NOPB Datasheet HTML 21Page - Texas Instruments LMP7701MA/NOPB Datasheet HTML 22Page - Texas Instruments LMP7701MA/NOPB Datasheet HTML 23Page - Texas Instruments LMP7701MA/NOPB Datasheet HTML 24Page - Texas Instruments LMP7701MA/NOPB Datasheet HTML 25Page - Texas Instruments LMP7701MA/NOPB Datasheet HTML 26Page - Texas Instruments LMP7701MA/NOPB Datasheet HTML 27Page - Texas Instruments LMP7701MA/NOPB Datasheet HTML 28Page - Texas Instruments LMP7701MA/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
I =
V2 ± V1
RS
V2R
R + R
(V0 ± IRS)R
V1R
V0R
+
=
+
R + R
R + R
R + R
+
RS
Z
LOAD
V1
V2
R
R
R
R
V
+
V
+
V
-
V
-
+
-
-
I = (V2 ± V1)
RS
A1
A2
LMP7701, LMP7702, LMP7704
www.ti.com
SNOSAI9I – SEPTEMBER 2005 – REVISED NOVEMBER 2015
8.4 Device Functional Modes
8.4.1 Precision Current Source
The LMP770x can each be used as a precision current source in many different applications. Figure 46 shows a
typical precision current source. This circuit implements a precision voltage controlled current source. Amplifier
A1 is a differential amplifier that uses the voltage drop across RS as the feedback signal. Amplifier A2 is a buffer
that eliminates the error current from the load side of the RS resistor that would flow in the feedback resistor if it
were connected to the load side of the RS resistor. In general, the circuit is stable as long as the closed loop
bandwidth of amplifier A2 is greater then the closed loop bandwidth of amplifier A1. If A1 and A2 are the same
type of amplifiers, then the feedback around A1 will reduce its bandwidth compared to A2.
Figure 46. Precision Current Source
The equation for output current can be derived as shown in Equation 4.
(4)
Solving for the current I results in the Equation 5.
(5)
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
9.1.1 Low Input Voltage Noise
The LMP770x have the very low input voltage noise of 9 nV/
√Hz. This input voltage noise can be further reduced
by placing N amplifiers in parallel as shown in Figure 47. The total voltage noise on the output of this circuit is
divided by the square root of the number of amplifiers used in this parallel combination. This is because each
individual amplifier acts as an independent noise source, and the average noise of independent sources is the
quadrature sum of the independent sources divided by the number of sources. For N identical amplifiers, this
means:
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LMP7701 LMP7702 LMP7704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com