Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7701MA/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7701MA/NOPB
Description  Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7701MA/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LMP7701MA/NOPB Datasheet HTML 19Page - Texas Instruments LMP7701MA/NOPB Datasheet HTML 20Page - Texas Instruments LMP7701MA/NOPB Datasheet HTML 21Page - Texas Instruments LMP7701MA/NOPB Datasheet HTML 22Page - Texas Instruments LMP7701MA/NOPB Datasheet HTML 23Page - Texas Instruments LMP7701MA/NOPB Datasheet HTML 24Page - Texas Instruments LMP7701MA/NOPB Datasheet HTML 25Page - Texas Instruments LMP7701MA/NOPB Datasheet HTML 26Page - Texas Instruments LMP7701MA/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-10
-8
-6
-4
-2
0
2
VS = 5V
R1 = R2 = 100 k:
AV = -1
CF = 5 pF
CF = 3 pF
CF = 1 pF
CF = 0 pF
(1 - AV)
2
2A0AVCIN
<
R1
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-10
-8
-6
-4
-2
0
2
VS = 5V
CF = 0 pF
AV = -1
R1 = R2 = 100 k:
R1 = R2 = 30 k:
R1 = R2 = 10 k:
R1 = R2 = 1 k:
LMP7701, LMP7702, LMP7704
www.ti.com
SNOSAI9I – SEPTEMBER 2005 – REVISED NOVEMBER 2015
Feature Description (continued)
As shown in Equation 2, as values of R1 and R2 are increased, the magnitude of the poles is reduced, which in
turn decreases the bandwidth of the amplifier. Whenever possible, it is best to choose smaller feedback resistors.
Figure 43 shows the effect of the feedback resistor on the bandwidth of the LMP770x.
Figure 43. Closed-Loop Gain vs Frequency
Equation 2 has two poles. In most cases, it is the presence of pairs of poles that causes gain peaking. To
eliminate this effect, the poles should be placed in Butterworth position, because poles in Butterworth position do
not cause gain peaking. To achieve a Butterworth pair, the quantity under the square root in Equation 2 should
be set to equal
−1. Using this fact and the relation between R1 and R2, R2 = −AV R1, the optimum value for R1
can be found. This is shown in Equation 3. If R1 is chosen to be larger than this optimum value, gain peaking will
occur.
(3)
In Figure 42, CF is added to compensate for input capacitance and to increase stability. Additionally, CF reduces
or eliminates the gain peaking that can be caused by having a larger feedback resistor. Figure 44 shows how CF
reduces gain peaking.
Figure 44. Closed-Loop Gain vs Frequency With Compensation
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LMP7701 LMP7702 LMP7704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com