Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV331IDBVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMV331IDBVR
Description  Quad General-purpose Low-voltage Comparators
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV331IDBVR Datasheet(HTML) 3 Page - Texas Instruments

  LMV331IDBVR Datasheet HTML 1Page - Texas Instruments LMV331IDBVR Datasheet HTML 2Page - Texas Instruments LMV331IDBVR Datasheet HTML 3Page - Texas Instruments LMV331IDBVR Datasheet HTML 4Page - Texas Instruments LMV331IDBVR Datasheet HTML 5Page - Texas Instruments LMV331IDBVR Datasheet HTML 6Page - Texas Instruments LMV331IDBVR Datasheet HTML 7Page - Texas Instruments LMV331IDBVR Datasheet HTML 8Page - Texas Instruments LMV331IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
2OUT
1OUT
1IN–
VCC+
1IN+
2IN–
2IN+
3OUT
3IN–
4IN+
GND
4IN–
3IN+
4OUT
LMV339 . . . D OR PW PACKAGE
(TOP VIEW)
LMV393 . . . D, DDU, DGK OR PW PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN–
1IN+
GND
VCC+
2OUT
2IN–
2IN+
LMV331 . . . DBV OR DCK PACKAGE
(TOP VIEW)
VCC+
OUT
1
2
3
5
4
1IN+
GND
1IN–
LMV339 . . . RUC PACKAGE
(TOP VIEW)
1
2
3
4
5
12
11
10
9
8
7
6
14
13
1OUT
1IN–
VCC+
1IN+
2IN–
4IN+
GND
4IN–
3IN+
4OUT
LMV331, LMV393, LMV339
www.ti.com
SLCS136T – AUGUST 1999 – REVISED JANUARY 2015
6 Pin Configuration and Functions
Pin Functions
PIN
LMV331
LMV393
LMV339
TYPE
DESCRIPTION
NAME
DBV or
D, DDU,
D or PW
RUC
DCK
DGK or PW
1IN– ,
2IN–,
3
2, 6
4, 6, 8, 10
3, 5, 7, 9
I
Comparator(s) negative input pin(s)
3IN–,
4IN–
1IN+ ,
2IN+,
1
3, 5
5, 7, 9, 11
4, 6, 8, 10
I
Comparator(s) positive input pin(s)
3IN+,
4IN+
GND
2
4
12
11
I
Ground
1OUT,
2OUT,
4
1, 7
2, 1, 14, 13
1, 14, 13, 12
O
Comparator(s) output pin(s)
3OUT,
4OUT
VCC+
5
8
3
2
I
Supply Pin
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com