Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV331IDBVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMV331IDBVR
Description  Quad General-purpose Low-voltage Comparators
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV331IDBVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMV331IDBVR Datasheet HTML 7Page - Texas Instruments LMV331IDBVR Datasheet HTML 8Page - Texas Instruments LMV331IDBVR Datasheet HTML 9Page - Texas Instruments LMV331IDBVR Datasheet HTML 10Page - Texas Instruments LMV331IDBVR Datasheet HTML 11Page - Texas Instruments LMV331IDBVR Datasheet HTML 12Page - Texas Instruments LMV331IDBVR Datasheet HTML 13Page - Texas Instruments LMV331IDBVR Datasheet HTML 14Page - Texas Instruments LMV331IDBVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
LMV331, LMV393, LMV339
www.ti.com
SLCS136T – AUGUST 1999 – REVISED JANUARY 2015
9.2.2.1 Input Voltage Range
When choosing the input voltage range, the input common mode voltage range (VICR) must be taken in to
account. If operating temperature is above or below 25°C the VICR can range from 0 V to VCC– 0.7 V. This limits
the input voltage range to as high as VCC– 0.7 V and as low as 0 V. Operation outside of this range can yield
incorrect comparisons.
Below is a possible list of input voltage situation and their outcomes:
1. When both IN- and IN+ are both within the common mode range:
(a) If IN- is higher than IN+ and the offset voltage, the output is low and the output transistor is sinking
current
(b) If IN- is lower than IN+ and the offset voltage, the output is high impedance and the output transistor is
not conducting
2. When IN- is higher than common mode and IN+ is within common mode, the output is low and the output
transistor is sinking current
3. When IN+ is higher than common mode and IN- is within common mode, the output is high impedance and
the output transistor is not conducting
4. When IN- and IN+ are both higher than common mode, the output is low and the output transistor is sinking
current
9.2.2.2 Minimum Overdrive Voltage
Overdrive Voltage is the differential voltage produced between the positive and negative inputs of the comparator
over the offset voltage (VIO). In order to make an accurate comparison; the Overdrive Voltage (VOD) should be
higher than the input offset voltage (VIO). Overdrive voltage can also determine the response time of the
comparator, with the response time decreasing with increasing overdrive. Figure 10 show positive and negative
response times with respect to overdrive voltage.
9.2.2.3 Output and Drive Current
Output current is determined by the pull-up resistance (Rpullup) and Vlogic voltage, refer to Figure 9. The output
current will produce a output low voltage (VOL) from the comparator. In which VOL is proportional to the output
current. Use Figure 3 to determine VOL based on the output current.
The output current can also effect the transient response. More will be explained in the next section.
9.2.2.4 Response Time
The transient response can be determined by the load capacitance (CL), load/pull-up resistance (RPULLUP) and
equivalent collector-emitter resistance (RCE).
•
The positive response time (
τp) is approximately τP ~ RPULLUP × CL
•
The negative response time (
τN) is approximately τN ~ RCE × CL
–
RCE can be determine by taking the slope of Figure 3 in it's linear region at the desired temperature, or by
dividing the VOL by Iout
9.2.3 Application Curves
The following curves were generated with 5 V on VCC and VLogic, RPULLUP = 5.1 kΩ, and 50 pF scope probe.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com