Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV331IDBVR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LMV331IDBVR
Description  Quad General-purpose Low-voltage Comparators
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV331IDBVR Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMV331IDBVR Datasheet HTML 8Page - Texas Instruments LMV331IDBVR Datasheet HTML 9Page - Texas Instruments LMV331IDBVR Datasheet HTML 10Page - Texas Instruments LMV331IDBVR Datasheet HTML 11Page - Texas Instruments LMV331IDBVR Datasheet HTML 12Page - Texas Instruments LMV331IDBVR Datasheet HTML 13Page - Texas Instruments LMV331IDBVR Datasheet HTML 14Page - Texas Instruments LMV331IDBVR Datasheet HTML 15Page - Texas Instruments LMV331IDBVR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
OUT
1
IN–
2
IN+
3
4
V CC
5
0.1 F
GND
0.1 F
Ground
Bypass
Capacitor
Positive Supply
Negative Supply or Ground
Ground
Only needed
for dual power
supplies
Time (uS)
0.2
0.22 0.24 0.26 0.28
0.3
0.32 0.34 0.36 0.38
0.4
-1
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
5mV OD
20mV OD
100mV OD
LMV331, LMV393, LMV339
SLCS136T – AUGUST 1999 – REVISED JANUARY 2015
www.ti.com
Figure 10. Response Time for Various Overdrives
(Negative Transition)
10 Power Supply Recommendations
For fast response and comparison applications with noisy or AC inputs, it is recommended to use a bypass
capacitor on the supply pin to reject any variation on the supply voltage. This variation cause temporary
fluctuations in the comparator's input common mode range and create an inaccurate comparison.
11 Layout
11.1 Layout Guidelines
For accurate comparator applications without hysteresis it is important maintain a stable power supply with
minimized noise and glitches, which can affect the high level input common mode voltage range. In order to
achieve this, it is best to add a bypass capacitor between the supply voltage and ground. This should be
implemented on the positive power supply and negative supply (if available). If a negative supply is not being
used, do not put a capacitor between the IC's GND pin and system ground.
11.2 Layout Example
Figure 11. LMV331 Layout Example
12
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com