Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV331IDBVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMV331IDBVR
Description  Quad General-purpose Low-voltage Comparators
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV331IDBVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMV331IDBVR Datasheet HTML 3Page - Texas Instruments LMV331IDBVR Datasheet HTML 4Page - Texas Instruments LMV331IDBVR Datasheet HTML 5Page - Texas Instruments LMV331IDBVR Datasheet HTML 6Page - Texas Instruments LMV331IDBVR Datasheet HTML 7Page - Texas Instruments LMV331IDBVR Datasheet HTML 8Page - Texas Instruments LMV331IDBVR Datasheet HTML 9Page - Texas Instruments LMV331IDBVR Datasheet HTML 10Page - Texas Instruments LMV331IDBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Overdrive (mV)
0
10
20
30
40
50
60
70
80
90
100
265
270
275
280
285
290
295
300
305
310
Overdrive (mV)
0
10
20
30
40
50
60
70
80
90
100
172.5
172.8
173.1
173.4
173.7
174
174.3
174.6
174.9
175.2
175.5
175.8
176.1
Output Current (mA)
0
5
10
15
20
25
30
35
40
45
50
100
150
200
250
300
350
400
450
500
550
600
650
700
-40C
25C
85C
Supply Voltage (V)
2.4
2.7
3
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
5.7
25
27.5
30
32.5
35
37.5
40
42.5
45
47.5
50
52.5
55
-40C
25C
85C
Volts (V)
1
1.5
2
2.5
3
3.5
4
4.5
5
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
-40C
25C
85C
Volts (V)
1
1.5
2
2.5
3
3.5
4
4.5
5
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
-40C
25C
85C
LMV331, LMV393, LMV339
www.ti.com
SLCS136T – AUGUST 1999 – REVISED JANUARY 2015
7.9 Typical Characteristics
Unless otherwise specified, VS = +5V, single supply, TA = 25°C
Figure 1. Supply Current vs Supply Voltage Output High
Figure 2. Supply Current vs Supply Voltage Output Low
(LMV33x)
(LMV33x)
Figure 3. Output Voltage vs Output Current
Figure 4. Input Bias Current vs Supply Voltage
Figure 5. Response Time vs Input Overdrives Negative
Figure 6. Response Time vs Input Overdrives Positive
Transition (VCC=5 V)
Transition (VCC = 5 V)
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com