Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA129MDREP Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA129MDREP
Description  Precision, Low Power Instrumentation Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA129MDREP Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA129MDREP Datasheet HTML 13Page - Texas Instruments INA129MDREP Datasheet HTML 14Page - Texas Instruments INA129MDREP Datasheet HTML 15Page - Texas Instruments INA129MDREP Datasheet HTML 16Page - Texas Instruments INA129MDREP Datasheet HTML 17Page - Texas Instruments INA129MDREP Datasheet HTML 18Page - Texas Instruments INA129MDREP Datasheet HTML 19Page - Texas Instruments INA129MDREP Datasheet HTML 20Page - Texas Instruments INA129MDREP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
REF102
R
2
R
1
Pt100
Cu
Cu
V+
K
6
10.0V
4
2
INA129
V
O
Ref
R
R3
G
100Ω = Pt100 at 0°C
ISA
TYPE
MATERIAL
SEEBECK
COEFFICIENT
( V/°C)
m
R , R
1
2
E
J
K
T
+Chromel
-Constantan
+Iron
-Constantan
+Chromel
-Alumel
+Copper
-Constantan
58.5
50.2
39.4
38
66.5k
76.8k
97.6k
102k
W
W
W
W
INA129
R
G
I
B
R
V
1
IN
+
A
1
I
O
Load
Ref
I
O
V
IN
R
1
· G
A
I
1
B ERROR
OPA177
±1.5 nA
OPA131
±50 pA
OPA602
±1 pA
OPA128
±75 fA
-
=
INA129
R
G
V
O
OPA13 0
Ref
R
1
1MW
=
1
2pR C
1
1
= 1.59 Hz
V
IN
+
f-3dB
C1
0.1mF
-
300W
+5V
R
G
INA129
V
O
Ref
2.5V
∆V
2.5V + ∆V
-
INA129-EP
www.ti.com
SBOS508A – DECEMBER 2009 – REVISED DECEMBER 2015
9 Power Supply Recommendations
The minimum power supply voltage for INA129-EP is ±2.25 V and the maximum power supply voltage is ±18 V.
This minimum and maximum range covers a wide range of power supplies; but for optimum performance, ±15 V
is recommended. TI recommends adding a bypass capacitor at the input to compensate for the layout and power
supply source impedance.
9.1 Low Voltage Operation
The INA129-EP can be operated on power supplies as low as ±2.25 V. Performance remains excellent with
power supplies ranging from ±2.25 V to ±18 V. Most parameters vary only slightly throughout this supply voltage
range.
Operation at very low supply voltage requires careful attention to assure that the input voltages remain within
their linear range. Voltage swing requirements of internal nodes limit the input common-mode range with low
power supply voltage. Figure 5 and Figure 6 show the range of linear operation for ±15 V, ±5 V, and ±2.5 V
supplies.
Figure 23. Bridge Amplifier
Figure 24. AC-Coupled Instrumentation Amplifier
Figure 25. Thermocouple Amplifier With RTD Cold-
Figure 26. Differential Voltage to Current Converter
Junction Compensation
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: INA129-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com