Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA129MDREP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA129MDREP
Description  Precision, Low Power Instrumentation Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA129MDREP Datasheet(HTML) 3 Page - Texas Instruments

  INA129MDREP Datasheet HTML 1Page - Texas Instruments INA129MDREP Datasheet HTML 2Page - Texas Instruments INA129MDREP Datasheet HTML 3Page - Texas Instruments INA129MDREP Datasheet HTML 4Page - Texas Instruments INA129MDREP Datasheet HTML 5Page - Texas Instruments INA129MDREP Datasheet HTML 6Page - Texas Instruments INA129MDREP Datasheet HTML 7Page - Texas Instruments INA129MDREP Datasheet HTML 8Page - Texas Instruments INA129MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
a
b
c
d
Origin
R
V-
G
IN
V+
IN
V-
V+
V
O
Ref
1
2
3
4
8
7
6
5
R
G
INA129-EP
www.ti.com
SBOS508A – DECEMBER 2009 – REVISED DECEMBER 2015
5 Pin Configuration and Functions
D Package
8-Pin SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
Ref
5
I
Output voltage reference
RG
1, 8
O
Gain resistor connection
V+
7
Power
Positive power supply voltage from 2.25 V to 18 V
V–
4
Power
Negative power supply voltage from –2.25 V to –18 V
V+IN
3
I
Non-inverting input voltage
V–IN
2
I
Inverting input voltage
VO
6
O
Output voltage
Bare Die Information
BACKSIDE
BOND PAD
DIE THICKNESS
BACKSIDE FINISH
POTENTIAL
METALLIZATION COMPOSITION
15 mils
Silicon with backgrind
GND
Al-Si-Cu (0.5%)
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: INA129-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com