Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA129MDREP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA129MDREP
Description  Precision, Low Power Instrumentation Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA129MDREP Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA129MDREP Datasheet HTML 8Page - Texas Instruments INA129MDREP Datasheet HTML 9Page - Texas Instruments INA129MDREP Datasheet HTML 10Page - Texas Instruments INA129MDREP Datasheet HTML 11Page - Texas Instruments INA129MDREP Datasheet HTML 12Page - Texas Instruments INA129MDREP Datasheet HTML 13Page - Texas Instruments INA129MDREP Datasheet HTML 14Page - Texas Instruments INA129MDREP Datasheet HTML 15Page - Texas Instruments INA129MDREP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
1s/div
0.1 V/div
m
INA129-EP
SBOS508A – DECEMBER 2009 – REVISED DECEMBER 2015
www.ti.com
7.4 Device Functional Modes
A single external resistor sets the any gain from 1 to 10000. TI INA129-EP provides an industry standard gain
equation, as highlighted in Figure 16.
7.4.1 Noise Performance
The INA129-EP provides very low noise in most applications. Low frequency noise is approximately 0.2
μVPP
measured from 0.1 Hz to 10 Hz (G
≥ 100). This provides dramatically improved noise when compared to state-
of-the-art chopper-stabilized amplifiers.
G
≥ 100
Figure 15. 0.1-Hz to 10-Hz Input-Referred Voltage Noise
7.4.2 Input Common-Mode Range
The linear input voltage range of the input circuitry of the INA129-EP is from approximately 1.4 V below the
positive supply voltage to 1.7 V above the negative supply. As a differential input voltage causes the output
voltage increase, however, the linear input range will be limited by the output voltage swing of amplifiers A1 and
A2. So the linear common-mode input range is related to the output voltage of the complete amplifier. This
behavior also depends on supply voltage (see Figure 5 and Figure 6).
Input-overload can produce an output voltage that appears normal. For example, if an input overload condition
drives both input amplifiers to their positive output swing limit, the difference voltage measured by the output
amplifier will be near zero. The output of A3 will be near 0 V even though both inputs are overloaded.
12
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: INA129-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com