Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA129MDREP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA129MDREP
Description  Precision, Low Power Instrumentation Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA129MDREP Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA129MDREP Datasheet HTML 9Page - Texas Instruments INA129MDREP Datasheet HTML 10Page - Texas Instruments INA129MDREP Datasheet HTML 11Page - Texas Instruments INA129MDREP Datasheet HTML 12Page - Texas Instruments INA129MDREP Datasheet HTML 13Page - Texas Instruments INA129MDREP Datasheet HTML 14Page - Texas Instruments INA129MDREP Datasheet HTML 15Page - Texas Instruments INA129MDREP Datasheet HTML 16Page - Texas Instruments INA129MDREP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
RG
Also drawn in simplified form:
Ref
VO
VIN
VIN
+
49.4k
R
G
NC: No Connection
A
1
A
2
A
3
6
7
4
3
8
1
2
V
IN
VIN
RG
V+
+
5
Over Voltage
Protection
Over Voltage
Protection
Load
+
O
V
Ref
0.1 F
µ
0.1 F
V-
µ
24.7k
Ω
24.74k
Ω
40k
Ω
40k
Ω
40k
Ω
40k
Ω
V
O = G
(V
- V )
·
IN
IN
-
+
-
-
-
G = 1 +
DESIRED
GAIN (V/V)
R
( )
G
NEAREST
1% R ( )
G
1
2
5
10
20
50
100
200
500
1000
2000
5000
10000
NC
49.4K
12.35K
5489
2600
1008
499
248
99
49.5
24.7
9.88
4.94
NC
49.9K
12.4K
5.49K
2.61K
1K
499
249
100
49.9
24.9
9.76
4.87
INA129-EP
www.ti.com
SBOS508A – DECEMBER 2009 – REVISED DECEMBER 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The INA129-EP device measures small differential voltage with high common-mode voltage developed between
the non-inverting and inverting input. The high-input voltage protection circuit in conjunction with high input
impedance make the INA129-EP suitable for a wide range of applications. The ability to set the reference pin to
adjust the functionality of the output signal offers additional flexibility that is practical for multiple configurations.
8.2 Typical Application
Figure 16 shows the basic connections required for operation of the INA129-EP. Applications with noisy or high
impedance power supplies may require decoupling capacitors close to the device pins as shown.
The output is referred to the output reference (Ref) terminal which is normally grounded. This must be a low-
impedance connection to assure good common-mode rejection. A resistance of 8
Ω in series with the Ref pin will
cause a typical device to degrade to approximately 80 dB CMR (G = 1).
Figure 16. Basic Connections
8.2.1 Design Requirements
The device can be configured to monitor the input differential voltage when the gain of the input signal is set by
the external resistor RG. The output signal references to the REF pin. The most common application is where the
output is referenced to ground when no input signal is present by connecting the REF pin to ground, as
Figure 16 shows. When the input signal increases, the output voltage at the OUT pin increases, too.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: INA129-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com