Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1345C Datasheet(PDF) 7 Page - ams AG

Part # AS1345C
Description  18V, High Efficiency, DC-DC Step-Up Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1345C Datasheet(HTML) 7 Page - ams AG

Back Button AS1345C Datasheet HTML 3Page - ams AG AS1345C Datasheet HTML 4Page - ams AG AS1345C Datasheet HTML 5Page - ams AG AS1345C Datasheet HTML 6Page - ams AG AS1345C Datasheet HTML 7Page - ams AG AS1345C Datasheet HTML 8Page - ams AG AS1345C Datasheet HTML 9Page - ams AG AS1345C Datasheet HTML 10Page - ams AG AS1345C Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
ams Datasheet, Confidential: 2013-Nov [1-51]
AS1345 – 7
El ec trical Charac t e ristics
All limits are guaranteed. The parameters with Min and Max
values are guaranteed by production tests or SQC (Statistical
Quality Control) methods.
Figure 7:
VDD = VSHDNN = VSWIN = 3.7V, VOUT = 15V, CIN = COUT = 10μF, typical values @ TAMB = +25ºC
(unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TAMB
Operating temperature range
-40
+85
°C
TJ
Operating junction
temperature range
-40
+110
°C
Input
VDD
Supply voltage range
SWIN connected to VDD
2.9
5.0
V
Minimum startup voltage
VDD = SWIN
2.7
V
VUVLO
VDD undervoltage lockout
VDD decreasing (50mV
Hysteresis)
2.7
V
Regulation
VOUT
Adjustable output voltage
range
External FB divider
5
18
V
Feedback voltage tolerance
Tolerance of FB resistors not
included
-3
+3
%
Fixed output voltage
Internal FB divider
12
V
15
17
VFB
Feedback voltage
For adjustable VOUT only
1.25
V
Feedback input current
10
1000
nA
Line regulation
VDD = 3.5V to 3.7V
200
mV
Load regulation
VOUT = 15V, ILOAD = 0mA to
5mA
50
mV
η
Efficiency
L = 22μH, VDD = VSWIN =
3.7V,
VOUT = 15V, ILOAD = 10mA
90
%
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com