Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1345C Datasheet(PDF) 2 Page - ams AG

Part # AS1345C
Description  18V, High Efficiency, DC-DC Step-Up Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1345C Datasheet(HTML) 2 Page - ams AG

  AS1345C Datasheet HTML 1Page - ams AG AS1345C Datasheet HTML 2Page - ams AG AS1345C Datasheet HTML 3Page - ams AG AS1345C Datasheet HTML 4Page - ams AG AS1345C Datasheet HTML 5Page - ams AG AS1345C Datasheet HTML 6Page - ams AG AS1345C Datasheet HTML 7Page - ams AG AS1345C Datasheet HTML 8Page - ams AG AS1345C Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
AS1345 – 2
ams Datasheet, Confidential: 2013-Nov [1-51]
G e n e ral D e sc rip t ion
Key Benefits & Features
The benefits and features of AS1345, 18V, High Efficiency,
DC-DC Step-Up Converter are listed below:
Figure 2:
Added Value of Using AS1345
Applications
The AS1345 is ideal for:
• Small and low current demand LCD panels as well as for
polymer LEDs (OLED)
• Cell phones, PDAs
•Readers
• Mobile terminals
• 3D shutter glasses.
Benefits
Features
Supports Lithium primary and re-chargeable
batteries
Input Voltage Range: 2.9V to 5.0V
Supports a variety of end applications
Adjustable Output Voltage Range: 5.0V to 18V
Supports a variety of end applications
Output Current up to 40mA
Allows optimization of circuit depending on output
power demands
Inductor Peak Currents: 100, 200, 350 and 500 mA
Battery life improved
90% Efficiency
Battery supply isolated during shutdown
True Shutdown
Fault tolerant
Short Circuit and Thermal Protection
Small chipscale package
Packages:
• 8-pin (2x2mm) TDFN
• 8-bumps (1.570mm x 0.895mm) WL-CSP with
0.4mm pitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com