Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1345C Datasheet(PDF) 26 Page - ams AG

Part # AS1345C
Description  18V, High Efficiency, DC-DC Step-Up Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1345C Datasheet(HTML) 26 Page - ams AG

Back Button AS1345C Datasheet HTML 21Page - ams AG AS1345C Datasheet HTML 22Page - ams AG AS1345C Datasheet HTML 23Page - ams AG AS1345C Datasheet HTML 24Page - ams AG AS1345C Datasheet HTML 25Page - ams AG AS1345C Datasheet HTML 26Page - ams AG AS1345C Datasheet HTML 27Page - ams AG AS1345C Datasheet HTML 28Page - ams AG AS1345C Datasheet HTML 29Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
AS1345 – 26
ams Datasheet, Confidential: 2013-Nov [1-51]
Or de ring & C o n t ac t I n f o r m ation
The device is available as the standard products listed in the
table below.
On request, all devices can be factory set to enable a 100k
Ω
pull-down resistor for the EN pin.
Figure 29:
Ordering Information
Buy our products or get free samples online at:
www.ams.com/ICdirect
Technical Support is available at:
www.ams.com/Technical-Support
For further information and requests, e-mail us at:
ams_sales@ams.com
For sales offices, distributors and representatives, please visit:
www.ams.com/contact
Headquarters
ams AG
Tobelbaderstrasse 30
8141 Unterpremstaetten
Austria, Europe
Tel: +43 (0) 3136 500 0
Website: www.ams.com
Ordering Code
Marking
ILIMIT
Output
Description
Delivery
Form
Package
AS1345A-BWLT-AD
BK
100mA
adjustable
18V, High
Efficiency
DCDC Step-up
Converter
Tape & Reel
8-bumps
(1.570x0.895m
m) WL-CSP
AS1345A-BWLT-12
BS
12V
AS1345A-BWLT-15
CA
15V
AS1345A-BWLT-17
CI
17V
AS1345A-BTDT-AD
BI
100mA
adjustable
8-pin (2x2mm)
TDFN
AS1345B-BTDT-AD
BJ
200mA
adjustable
AS1345C-BTDT-AD
CD
350mA
adjustable
AS1345D-BTDT-AD
CL
500mA
adjustable
AS1345D-BWLT-15
BG
500mA
15V
8-bumps
(1.570x0.895m
m) WL-CSP
AS1345D-BWLT-17
BH
500mA
17V
Ordering & Contact Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com