Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1345C Datasheet(PDF) 25 Page - ams AG

Part # AS1345C
Description  18V, High Efficiency, DC-DC Step-Up Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1345C Datasheet(HTML) 25 Page - ams AG

Back Button AS1345C Datasheet HTML 21Page - ams AG AS1345C Datasheet HTML 22Page - ams AG AS1345C Datasheet HTML 23Page - ams AG AS1345C Datasheet HTML 24Page - ams AG AS1345C Datasheet HTML 25Page - ams AG AS1345C Datasheet HTML 26Page - ams AG AS1345C Datasheet HTML 27Page - ams AG AS1345C Datasheet HTML 28Page - ams AG AS1345C Datasheet HTML 29Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
ams Datasheet, Confidential: 2013-Nov [1-51]
AS1345 – 25
Pa c k a g e D r a w i n g s & M a r k i n g s
Figure 28:
Package Dimensions
Symbol
Min
Nom
Max
A
0.51
0.55
0.60
A1
0.00
0.02
0.05
A3
-
-
0.22
L
0.45
0.55
0.65
b
0.15
0.20
0.25
D2.00 BSC
E2.00 BSC
e0.50 BSC
aaa
-
0.15
-
bbb
-
0.10
-
ccc
-
0.10
-
ddd
-
0.05
-
eee
-
0.08
-
N8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com