Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1345D Datasheet(PDF) 14 Page - ams AG

Part # AS1345D
Description  18V, High Efficiency, DC-DC Step-Up Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1345D Datasheet(HTML) 14 Page - ams AG

Back Button AS1345D Datasheet HTML 10Page - ams AG AS1345D Datasheet HTML 11Page - ams AG AS1345D Datasheet HTML 12Page - ams AG AS1345D Datasheet HTML 13Page - ams AG AS1345D Datasheet HTML 14Page - ams AG AS1345D Datasheet HTML 15Page - ams AG AS1345D Datasheet HTML 16Page - ams AG AS1345D Datasheet HTML 17Page - ams AG AS1345D Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
AS1345 – 14
ams Datasheet, Confidential: 2013-Nov [1-51]
De tail ed De sc rip t ion
The AS1345 is a compact step-up DC-DC converters that
operates from a 2.9V to 5.0V supply. Consuming only 25μA of
Quiescent current. These devices include an internal MOSFET
switch with a low on-resistance. A true shutdown feature
disconnects the battery from the load and reduces the supply
current to 0.05μA (typ). These DC-DC converters are available
with either a fixed output or are adjustable up to 18V. Four
current-limit options are available: 100mA, 200mA, 350mA and
500mA.
Figure 17:
Typical Application Diagram
Modes of Operation
The AS1345 features an advanced current-limited control
scheme operating in hysteretic mode. An internal P-channel
MOSFET switch connects VDD to SWIN to provide power to the
inductor when the converter is operating. When the converter
is shut down, this switch disconnects the input supply from the
inductor (see Figure 17). To boost the output voltage an
N-channel MOSFET switch turns on and allows current to ramp
up in the inductor. Once this current reaches the current limit,
the switch turns off and the inductor current flows through D1
to supply the output. The switching frequency varies
depending on the load and input voltage and can be up to
10kHz.
Detailed Description
AS1345
SWIN
SWOUT
VDD
POK
EN
GND
FB
LX
10uH to 22uH
10uF
10uF
100k
VDD = 2.9V to 5.0V
47pF
R2
R3
1uF to 10uF
OFF
ON
Vout = 5.0V to 18V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com