Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1345D Datasheet(PDF) 21 Page - ams AG

Part # AS1345D
Description  18V, High Efficiency, DC-DC Step-Up Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1345D Datasheet(HTML) 21 Page - ams AG

Back Button AS1345D Datasheet HTML 17Page - ams AG AS1345D Datasheet HTML 18Page - ams AG AS1345D Datasheet HTML 19Page - ams AG AS1345D Datasheet HTML 20Page - ams AG AS1345D Datasheet HTML 21Page - ams AG AS1345D Datasheet HTML 22Page - ams AG AS1345D Datasheet HTML 23Page - ams AG AS1345D Datasheet HTML 24Page - ams AG AS1345D Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
ams Datasheet, Confidential: 2013-Nov [1-51]
AS1345 – 21
Detaile d Desc rip t ion
Schottky Diode Selection
The selection of the external diode depends on the application.
If IOUT is very low most of the time, and VOUT is high, select a
diode with a low reverse current for best efficiency. For lower
VOUT and higher IOUT, select a diode with a lower VFORWARD and
RFORWARD.
Figure 24:
Recommended Diodes
Part
Number
Reverse
Voltage
Average
Rectified
Current
Forward
Voltage
Reverse
Leakage
Current
Package
Supplier
MBR0540
40V
500mA
460mV @
500mA
1μA @ 20V
SOD123
Fairchild
Semiconductor
www.fairchildsemi.com
B140HW
40V
1000mA
460mV @
500mA
0.35μA @
20V
SOD123
Diodes Inc
www.diodes.com
PMEG2010AEB
20V
1A
200mV @
500mA
320μA @
20V
SOD523
NXP Semiconductors
www.nxp.com
CRS04
40V
1A
450mV @
500mA
40μA @
20V
3-2A1A
(Toshiba)
Toshiba
www.toshiba-compone
nts.com
CRS06
20V
1A
325mV @
500mA
250μA @
20V
3-2A1A
(Toshiba)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com