Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1345D Datasheet(PDF) 4 Page - ams AG

Part # AS1345D
Description  18V, High Efficiency, DC-DC Step-Up Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1345D Datasheet(HTML) 4 Page - ams AG

  AS1345D Datasheet HTML 1Page - ams AG AS1345D Datasheet HTML 2Page - ams AG AS1345D Datasheet HTML 3Page - ams AG AS1345D Datasheet HTML 4Page - ams AG AS1345D Datasheet HTML 5Page - ams AG AS1345D Datasheet HTML 6Page - ams AG AS1345D Datasheet HTML 7Page - ams AG AS1345D Datasheet HTML 8Page - ams AG AS1345D Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
AS1345 – 4
ams Datasheet, Confidential: 2013-Nov [1-51]
P i n Assi gnments
Figure 4:
Pin Assignments (Top View)
Figure 5:
Pin Descriptions
Pin Number
Pin Name
Description
TDFN
WLP
1A1
VDD
Supply Voltage. Connect to a 2.9V to 5.0V input supply. Bypass this pin
with a 10μF capacitor.
2A2
EN
Enable Pin. Logic controlled shutdown input, 1.8V CMOS compatible;
1 = Normal operation
0 = Shutdown
On request a 100k
Ω pull-down resistor can be enabled (factory set).
3A3
FB
Feedback Pin. Feedback input to the gm error amplifier.
For an adjustable output voltage connect a resistor divider to this pin.
The output can be adjusted from 5.0V to 18V by:
VOUT = VREF x (1 + R2/R3)
If the fixed output voltage version is used, connect this pin to VOUT.
4A4
POK
POK. Open Drain Output. POK remains low while VOUT is less than 90%
of nominal VOUT. Connect a 100k
Ω pull-up resistor from this pin to VDD.
5B4
SWIN
Shutdown Disconnect Switch In. Input pin of the internal P-channel
MOSFET.
Pin Assignments
1
2
3
4
AS1345
TDFN 8-pin
2x2mm
LX
GND
VDD
EN
FB
POK
SWOUT
SWIN
A1
VDD
B3
SWOUT
A4
POK
A3
FB
A2
EN
B2
LX
B1
GND
Pin A1
indicator
B4
SWIN
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com