Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1345D Datasheet(PDF) 29 Page - ams AG

Part # AS1345D
Description  18V, High Efficiency, DC-DC Step-Up Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1345D Datasheet(HTML) 29 Page - ams AG

Back Button AS1345D Datasheet HTML 21Page - ams AG AS1345D Datasheet HTML 22Page - ams AG AS1345D Datasheet HTML 23Page - ams AG AS1345D Datasheet HTML 24Page - ams AG AS1345D Datasheet HTML 25Page - ams AG AS1345D Datasheet HTML 26Page - ams AG AS1345D Datasheet HTML 27Page - ams AG AS1345D Datasheet HTML 28Page - ams AG AS1345D Datasheet HTML 29Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 29 / 29 page
background image
ams Datasheet, Confidential: 2013-Nov [1-51]
AS1345 – 29
Ref e r e nc e Guide
1
General Description
2
Key Benefits & Features
2
Applications
3
Block Diagram
4
Pin Assignments
6Absolute Maximum Ratings
7
Electrical Characteristics
9
Typical Operating Characteristics
14
Detailed Description
14
Modes of Operation
15
Shutdown
15
Start-up and Inrush Limiting
15
Adjustable Output Voltage
18
Power OK Operation
18
Thermal Shutdown
19
Inductor Selection
20
Capacitor Selection
21
Schottky Diode Selection
22
PCB Layout
23
Package Drawings & Markings
26
Ordering & Contact Information
27
RoHS Compliant & ams Green Statement
28
Copyrights & Disclaimer
Reference Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com