Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3649 Datasheet(PDF) 13 Page - ams AG

Part # AS3649
Description  2500mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3649 Datasheet(HTML) 13 Page - ams AG

Back Button AS3649 Datasheet HTML 9Page - ams AG AS3649 Datasheet HTML 10Page - ams AG AS3649 Datasheet HTML 11Page - ams AG AS3649 Datasheet HTML 12Page - ams AG AS3649 Datasheet HTML 13Page - ams AG AS3649 Datasheet HTML 14Page - ams AG AS3649 Datasheet HTML 15Page - ams AG AS3649 Datasheet HTML 16Page - ams AG AS3649 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
AS3649
Datasheet - Detailed Descr i p ti on
www.ams.com/AS3649
1.0-2
13 - 39
8.4.1 Overvoltage Protection
In case of no or a broken LED(s) at the pin LED_OUT1/2 and an enabled DCDC converter, the voltage on VOUT1/2 rises until it reaches
VVOUTMAX (overvoltage condition) and the voltage across the current source is below low_vds
7., the DCDC converter is stopped, the current
sources are disabled and the bit fault_ovp (see page 29)
8 is set9. In a dual LED configuration for the AS3649, if a single open LED is detected,
this LED is disabled, fault_ovp is set and the device continuous operation with the other LED.
Note: In PWM operating mode (mode_setting=01b), open LED detection is disabled (and fault_ovp is not set). The output voltage will never-
theless be kept below VVOUTMAX.
8.4.2 Short Circuit Protection
After the startup of the DCDC converter, the voltage on LED_OUT1/2 is continuously monitored and compared against VLEDSHORT if the LED
current is above 27.5mA (current_boost=0), 34.3mA (current_boost=1)
10,11(see Figure 18). If the voltage on the LED (VFLED = LED_OUT1/2)
stays below VLEDSHORT, the DCDC is stopped (as a shorted LED is assumed), the current sources are disabled and the bit fault_led_short
(see page 29) is set. In a dual LED configuration for the AS3649, if a single shorted LED is detected, this LED is disabled, fault_led_short is set
and the device continuous operation with the other LED.
Note: In PWM operating mode (mode_setting=01b), short circuit protection is disabled.
Figure 18. Short LED Detection
8.4.3 Overtemperature Protection
The junction temperature of the AS3649 is continuously monitored. If the temperature exceeds TOVTEMP, the DCDC is stopped, the current
sources are disabled (instantaneous) and the bit fault_overtemp (see page 29) is set (but the operating mode mode_setting is not changed). The
driver is automatically re-enabled
12 once the junction temperature drops below TOVTEMP-TOVTEMPHYST.
8.4.4 TXMASK event occurred
If during flash, TXMASK current reduction is enabled (see TXMASK on page 15, configured by txmask_torch_mode=01) and a TXMASK event
happened (pin TXMASK/TORCH=1), the fault register bit fault_txmask (see page 28) is set.
5. Applies for all faults except TXMASK event occurred
6. Except for TXMASK event occurred and Overtemperature Protection
7. If overvoltage is reached, but none of the low_vds comparator(s) triggers, VOUT1/2 is still regulated below VVOUT-
MAX
.
8. In indicator or low current PWM mode (mode_setting (see page 26)=01) the register fault_ovp is not set under an
overvoltage conditions. The output voltage is nevertheless kept below VVOUTMAX.
9. In constant voltage mode (5V generation, register bit const_v_mode=1) this fault is disabled.
10.To avoid errors in short LED detection for LEDs with a high leakage current
11. The LED short circuit protection is disabled in indicator mode (or low current mode using PWM) (mode_setting on
page 26=01b)
12.In constant voltage mode (const_v_mode=1) the DCDC will not be automatically re-enabled.

    
 
   
 !
"!  ##
  !
!$
 %
 & 
!
 
'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com