Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3649 Datasheet(PDF) 21 Page - ams AG

Part # AS3649
Description  2500mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3649 Datasheet(HTML) 21 Page - ams AG

Back Button AS3649 Datasheet HTML 17Page - ams AG AS3649 Datasheet HTML 18Page - ams AG AS3649 Datasheet HTML 19Page - ams AG AS3649 Datasheet HTML 20Page - ams AG AS3649 Datasheet HTML 21Page - ams AG AS3649 Datasheet HTML 22Page - ams AG AS3649 Datasheet HTML 23Page - ams AG AS3649 Datasheet HTML 24Page - ams AG AS3649 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
AS3649
Datasheet - Detailed Descr i p ti on
www.ams.com/AS3649
1.0-2
21 - 39
register address to the AS3649. This sets the register pointer on the AS3649. The master may then transmit zero or more bytes of
data, with the AS3649 acknowledging each byte received. The address pointer will increment after each data byte is transferred. The
master generates a STOP condition to terminate the data write.
2. Slave Transmitter Mode (Read Mode): The first byte is received and handled as in the slave receiver mode. However, in this mode,
the direction bit indicates that the transfer direction is reversed. Serial data is transmitted on SDA by the AS3649 while the serial clock
is input on SCL. START and STOP conditions are recognized as the beginning and end of a serial transfer (Figure 29 and Figure 30).
The slave address byte is the first byte received after the master generates a START condition. The slave address byte contains the 7-
bit AS3649 address, which is 0110000, followed by the direction bit (R/W), which, for a read, is 1.
14 After receiving and decoding the
slave address byte the device outputs an acknowledge on the SDA line. The AS3649 then begins to transmit data starting with the reg-
ister address pointed to by the register pointer. If the register pointer is not written to before the initiation of a read mode the first
address that is read is the last one stored in the register pointer. The AS3649 must receive a “not acknowledge” to end a read.
Figure 28. Data Write - Slave Receiver Mode
Figure 29. Data Read (from Current Pointer Location) - Slave Transmitter Mode
13.The address for writing to the AS3649 is 60h = 01100000b
14.The address for read mode from the AS3649 is 61h = 01100001b
S
0110000
0
A
XXXXXXXX
A
AA
XXXXXXXX
XXXXXXXX
A
XXXXXXXX
P
<Slave Address>
<Word Address (n)>
<Data(n)>
<Data(n+1)>
<Data(n+X)>
S - Start
A - Acknowledge (ACK)
P - Stop
Data Transferred
(X + 1 Bytes + Acknowledge)
S
0110000
1
A
XXXXXXXX
A
AA
XXXXXXXX
XXXXXXXX
NA
XXXXXXXX
P
<Slave Address>
<Data(n)>
<Data(n+1)>
<Data(n+X)>
S - Start
A - Acknowledge (ACK)
P - Stop
NA - Not Acknowledge (NACK)
Data Transferred
(X + 1 Bytes + Acknowledge)
Note: Last data byte is followed by a NACK
<Data(n+2)>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com