Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3649 Datasheet(PDF) 2 Page - ams AG

Part # AS3649
Description  2500mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3649 Datasheet(HTML) 2 Page - ams AG

  AS3649 Datasheet HTML 1Page - ams AG AS3649 Datasheet HTML 2Page - ams AG AS3649 Datasheet HTML 3Page - ams AG AS3649 Datasheet HTML 4Page - ams AG AS3649 Datasheet HTML 5Page - ams AG AS3649 Datasheet HTML 6Page - ams AG AS3649 Datasheet HTML 7Page - ams AG AS3649 Datasheet HTML 8Page - ams AG AS3649 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
AS3649
Datasheet - Pin Assignm ents
www.ams.com/AS3649
1.0-2
2 - 39
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Description
Table 1. Pin Description for AS3649
Pin Number
1
Pin Name
Description
A1
PGND2
Power ground; make a short connection between all GND balls
A2
PGND1
Power ground; make a short connection between all GND balls
A3
VIN
Positive supply voltage input - connect to supply and make a short connection to input capacitor
CVIN and to coil LDCDC
A4
ON
Hardware reset input; an active low signal resets the registers of AS3649 and enters shutdown
(and I
2C lines SDA and SCL are in high-Z), active high allows to operate the device
B1
SW2
DCDC converter switching node - make a short connection to SW1 / coil LDCDC
B2
SW1
DCDC converter switching node - make a short connection to SW2 / coil LDCDC
B3
NTC
LED temperature sensor input (NTC) for LED overtemperature protection
B4
TXMASK/TORCH
Function 1: Connect to RF power amplifier enable signal - reduces currents during flash to avoid
a system shutdown due to parallel operation of the RF PA and the flash driver
Function 2: Operate torch current level without using the I
2C interface to operate the torch
without need to start a camera processor (if the I
2C is connected to the camera processor
C1
VOUT2
DCDC converter output capacitor - make a short connection to CVOUT / VOUT1
C2
VOUT1
DCDC converter output capacitor - make a short connection to CVOUT / VOUT2






 








!

"

#



!#$"


 

"

!#$"

AS3649



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com