Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3649 Datasheet(PDF) 19 Page - ams AG

Part # AS3649
Description  2500mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3649 Datasheet(HTML) 19 Page - ams AG

Back Button AS3649 Datasheet HTML 15Page - ams AG AS3649 Datasheet HTML 16Page - ams AG AS3649 Datasheet HTML 17Page - ams AG AS3649 Datasheet HTML 18Page - ams AG AS3649 Datasheet HTML 19Page - ams AG AS3649 Datasheet HTML 20Page - ams AG AS3649 Datasheet HTML 21Page - ams AG AS3649 Datasheet HTML 22Page - ams AG AS3649 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
AS3649
Datasheet - Detailed Descr i p ti on
www.ams.com/AS3649
1.0-2
19 - 39
8.7 ADC
The internal ADC is used to monitor LED temperature and DIE temperature. To operate the ADC, set the adc_channel (see page 27) and start
the conversion by adc_convert. When adc_convert returns to ‘0’ the result is available in register adc_result (see page 30) (Bits 9...7)and
adc_result_lsbs (Bits 1...0).
The DIE junction temperature measurement returns the value according to Table 6:
8.8 I2C Serial Data Bus
The AS3649 supports the I
2C bus protocol. A device that sends data onto the bus is defined as a transmitter and a device receiving data as a
receiver. The device that controls the message is called a master. The devices that are controlled by the master are referred to as slaves. A
master device that generates the serial clock (SCL), controls the bus access, and generates the START and STOP conditions must control the
bus. The AS3649 operates as a slave on the I
2C bus. Within the bus specifications a standard mode (100kHz maximum clock rate) and a fast
mode (400kHz maximum clock rate) are defined. The AS3649 works in both modes. Connections to the bus are made through the open-drain I/
O lines SDA and SCL.
The following bus protocol has been defined (Figure 27):

Data transfer may be initiated only when the bus is not busy.

During data transfer, the data line must remain stable whenever the clock line is HIGH. Changes in the data line while the clock line is HIGH
are interpreted as control signals.
Accordingly, the following bus conditions have been defined:
Bus Not Busy. Both data and clock lines remain HIGH.
Start Data Transfer. A change in the state of the data line, from HIGH to LOW, while the clock is HIGH, defines a START condition.
Stop Data Transfer. A change in the state of the data line, from LOW to HIGH, while the clock line is HIGH, defines the STOP condition.
Table 6. Junction Temperature Measurement ADC result
Junction Temperature - ºC
ADC Return Value (10bit)
-30
352
-20
343
-10
334
0
325
10
316
20
306
30
297
40
287
50
278
60
268
70
259
80
249
90
239
100
229
110
219
120
209
130
199
140
189
150
179



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com