Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5147P-HTST Datasheet(PDF) 11 Page - ams AG

Part # AS5147P-HTST
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Binary
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5147P-HTST Datasheet(HTML) 11 Page - ams AG

Back Button AS5147P-HTST Datasheet HTML 7Page - ams AG AS5147P-HTST Datasheet HTML 8Page - ams AG AS5147P-HTST Datasheet HTML 9Page - ams AG AS5147P-HTST Datasheet HTML 10Page - ams AG AS5147P-HTST Datasheet HTML 11Page - ams AG AS5147P-HTST Datasheet HTML 12Page - ams AG AS5147P-HTST Datasheet HTML 13Page - ams AG AS5147P-HTST Datasheet HTML 14Page - ams AG AS5147P-HTST Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
ams Datasheet
Page 11
[v1-01] 2015-May-12
Document Feedback
AS5147P − Detailed Description
Dynamic Angle Error Compensation
The AS5147P uses 4 integrated Hall sensors which produce a
voltage proportional to the orthogonal component of the
magnetic field to the die. These voltage signals are amplified,
filtered, and converted into the digital domain to allow the
CORDIC digital block to calculate the angle of the magnetic
vector. Propagation of these signals through the analog
front-end and digital back-end generates a fixed delay between
the time of measurement and the availability of the measured
angle at the outputs. This latency generates a dynamic angle
error represented by the product of the angular speed (
ω)and
the system propagation delay (tdelay):
DAE =
ω x tdelay
The dynamic angle compensation block calculates the current
magnet rotation speed (
ω) and multiplies it with the system
propagation delay (tdelay) to determine the correction angle to
reduce this error. At constant speed, the residual system
propagation delay is tdelay_DAEC.
The angle represented on the PWM interface is not
compensated by the Dynamic Angle Error Compensation
algorithm. it is also possible to disable the Dynamic Angle Error
Compensation with the DAECDIS setting. Disabling the
Dynamic Angle Error Compensation gives a noise benefit of
0.016 degree rms.This setting can be advantageous for low
speed (under 100 RPM) respectively static positioning
applications.
(EQ1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com