Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5147P-HTST Datasheet(PDF) 16 Page - ams AG

Part # AS5147P-HTST
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Binary
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5147P-HTST Datasheet(HTML) 16 Page - ams AG

Back Button AS5147P-HTST Datasheet HTML 12Page - ams AG AS5147P-HTST Datasheet HTML 13Page - ams AG AS5147P-HTST Datasheet HTML 14Page - ams AG AS5147P-HTST Datasheet HTML 15Page - ams AG AS5147P-HTST Datasheet HTML 16Page - ams AG AS5147P-HTST Datasheet HTML 17Page - ams AG AS5147P-HTST Datasheet HTML 18Page - ams AG AS5147P-HTST Datasheet HTML 19Page - ams AG AS5147P-HTST Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
Page 16
ams Datasheet
Document Feedback
[v1-01] 2015-May-12
AS5147P − Detailed Description
Volatile Registers
The volatile registers are shown in Figure 19. Each register has
a 14-bit address.
Figure 19:
Volatile Register Table
Reading the NOP register is equivalent to a nop (no operation)
instruction for the AS5147P.
Figure 20:
ERRFL (0x0001)
Reading the ERRFL register automatically clears its contents
(ERRFL=0x0000).
Address
Name
Default
Description
0x0000
NOP
0x0000
No operation
0x0001
ERRFL
0x0000
Error register
0x0003
PROG
0x0000
Programming register
0x3FFC
DIAAGC
0x0180
Diagnostic and AGC
0x3FFD
MAG
0x0000
CORDIC magnitude
0x3FFE
ANGLEUNC
0x0000
Measured angle without dynamic angle
error compensation
0x3FFF
ANGLECOM
0x0000
Measured angle with dynamic angle error
compensation
Name
Read/Write
Bit Position
Description
PARERR
R
2
Parity error
INVCOMM
R
1
Invalid command error: set to 1 by reading or writing
an invalid register address
FRERR
R
0
Framing error: is set to 1 when a non-compliant SPI
frame is detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com