Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5147P-HTST Datasheet(PDF) 19 Page - ams AG

Part # AS5147P-HTST
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Binary
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5147P-HTST Datasheet(HTML) 19 Page - ams AG

Back Button AS5147P-HTST Datasheet HTML 15Page - ams AG AS5147P-HTST Datasheet HTML 16Page - ams AG AS5147P-HTST Datasheet HTML 17Page - ams AG AS5147P-HTST Datasheet HTML 18Page - ams AG AS5147P-HTST Datasheet HTML 19Page - ams AG AS5147P-HTST Datasheet HTML 20Page - ams AG AS5147P-HTST Datasheet HTML 21Page - ams AG AS5147P-HTST Datasheet HTML 22Page - ams AG AS5147P-HTST Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
ams Datasheet
Page 19
[v1-01] 2015-May-12
Document Feedback
AS5147P − Detailed Description
Figure 28:
ZPOSL (0x0017)
Figure 29:
SETTINGS1 (0x0018)
Name
Read/Write/Program
Bit Position
Description
ZPOSL
R/W/P
5:0
6 least significant bits of the zero position
comp_l_error_en
R/W/P
6
This bit enables the contribution of MAGH
(Magnetic field strength too high) to the
system_error
comp_h_error_en
R/W/P
7
This bit enables the contribution of MAGL
(Magnetic field strength too low) to the
system_error
Name
Read/Write/Program
Bit Position
Description
IWIDTH
R/W/P
0
Width of the index pulse I
(0 = 3LSB, 1 = 1LSB)
NOISESET
R/W/P
1
Noise setting
DIR
R/W/P
2
Rotation direction
UVW_ABI
R/W/P
3
Defines the PWM Output
(0 = ABI is operating, W is used as PWM
1 = UVW is operating, I is used as PWM)
DAECDIS
R/W/P
4
Disable Dynamic Angle Error Compensation
(0 = DAE compensation ON, 1 = DAE
compensation OFF)
Dataselect
R/W/P
6
This bit defines which data can be read form
address 16383dec (3FFFhex).
0->DAECANG
1->CORDICANG
PWMon
R/W/P
7
enables PWM (setting of UVW_ABI Bit necessary)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com