Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5147P-HTST Datasheet(PDF) 23 Page - ams AG

Part # AS5147P-HTST
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Binary
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5147P-HTST Datasheet(HTML) 23 Page - ams AG

Back Button AS5147P-HTST Datasheet HTML 19Page - ams AG AS5147P-HTST Datasheet HTML 20Page - ams AG AS5147P-HTST Datasheet HTML 21Page - ams AG AS5147P-HTST Datasheet HTML 22Page - ams AG AS5147P-HTST Datasheet HTML 23Page - ams AG AS5147P-HTST Datasheet HTML 24Page - ams AG AS5147P-HTST Datasheet HTML 25Page - ams AG AS5147P-HTST Datasheet HTML 26Page - ams AG AS5147P-HTST Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
ams Datasheet
Page 23
[v1-01] 2015-May-12
Document Feedback
AS5147P − Detailed Description
PWM
The PWM can be enabled with the bit setting PWMon. The PWM
encoded signal is displayed on the pin W or the pin I. The bit
setting UVW_ABI defines which output is used as PWM. The
PWM output consists of a frame of 4119 PWM clock periods, as
shown in Figure 34. The PWM frame has the following sections:
• 12 PWM Clocks for INIT
• 4 PWM Clocks for Error detection
• 4095 PWM clock periods of data
• 8 PWM clock periods low
The angle is represented in the data part of the frame with a
12-bit resolution. One PWM clock period represents 0.088
degree and has a typical duration of 444 ns.
If the embedded diagnostic of the AS5147P detects any error
the PWM interface displays only 12 clock periods high
(0.3% duty-cycle).
Figure 34:
Pulse Width Modulation Encoded Signal
time
data
8 clock pulse
low
12 clock
pulses
Init
4 clock
pulses
Error_n
12 PWM Clocks INIT –> High
4 PWM Error –> Low if error occurs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com